Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0709841098 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0709841098
Description  1.27mm (.050") Pitch LFH??Plug Terminal Stick, with or without Carrier, 15 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0709841098 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0709841098 Datasheet HTML 1Page - Molex Electronics Ltd. 0709841098 Datasheet HTML 2Page - Molex Electronics Ltd. 0709841098 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
3A
Shielded
No
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Application Specification
AS-70929-001
Packaging Specification
PK-70873-0335
Sales Drawing
SD-70984-100
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0709841098

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0709806 PHOENIX-0709806 Datasheet
46Kb / 2P
   Panel feed-through terminal block - HDFK 16 I
logo
Molex Electronics Ltd.
0709821002 MOLEX8-0709821002 Datasheet
84Kb / 2P
   LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821003 MOLEX8-0709821003 Datasheet
87Kb / 2P
   LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821004 MOLEX8-0709821004 Datasheet
87Kb / 2P
   LFH??and TDP짰 Panel Mount Hex Screw Kit
0709821005 MOLEX8-0709821005 Datasheet
84Kb / 2P
   LFH??and TDP짰 Panel Mount Hex Screw Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com