Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74062-2513 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74062-2513
Description  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74062-2513 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74062-2513 Datasheet HTML 1Page - Molex Electronics Ltd. 74062-2513 Datasheet HTML 2Page - Molex Electronics Ltd. 74062-2513 Datasheet HTML 3Page - Molex Electronics Ltd. 74062-2513 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740622513
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 8-Row,
Guide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
Length 4.25mm (.167"), Keying Pin Orientation A
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Backplane Connectors
Series
74062
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Keying Position A
Component Type
PCB Header
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
200
Circuits (maximum)
200
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Material - Metal
Beryllium Copper, High Performance Alloy (HPA),
Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74062Series
Mates With
74040 VHDM® Board-to-Board
Daughtercard Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Flat Rock Tooling for
Pneumatic Press
0622013700
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM® 8 Row Pin
and Shield Repair
Tool
0622015900


Similar Part No. - 74062-2513

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74062-2511 MOLEX8-74062-2511 Datasheet
518Kb / 4P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module
74062-2512 MOLEX8-74062-2512 Datasheet
518Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Shield End Version, 200 Circuits, Pin Length 6.25mm (.246"),
74062-2514 MOLEX8-74062-2514 Datasheet
518Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Shield End Version, Pin End Version, 200 Circuits, Pin
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com