Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0719790208 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0719790208
Description  2.54mm (.100") Pitch C-Grid짰 Receptacle, Surface Mount, Dual Row, Right Angle, 16Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0719790208 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0719790208 Datasheet HTML 1Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 2Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 3Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 4Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 5Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 6Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 7Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 8Page - Molex Electronics Ltd. 0719790208 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0719790208
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® Receptacle, Surface Mount, Dual Row, Right Angle, 16
Circuits
Documents:
3D Model
Product Specification PS-71973-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
71979
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Circuits (Loaded)
16
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.90
Polarized to PCB
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A, 2A, 3A
Voltage - Maximum
500V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-71973-9999
Sales Drawing
SDA-71979-****
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71979Series
Mates With
87911 Header
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0719790208

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0719790204 MOLEX8-0719790204 Datasheet
1Mb / 13P
   2.54mm (.100") Pitch C-Grid Receptacle, Surface Mount, Dual Row, Right Angle, 8 Circuits
0719790205 MOLEX8-0719790205 Datasheet
1Mb / 13P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Surface Mount, Dual Row, Right Angle, 10Circuits
0719790206 MOLEX8-0719790206 Datasheet
1Mb / 13P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Surface Mount, Dual Row, Right Angle, 12Circuits
0719790207 MOLEX8-0719790207 Datasheet
1Mb / 13P
   2.54mm (.100") Pitch C-Grid Receptacle, Surface Mount, Dual Row, Right Angle, 14 Circuits
0719790209 MOLEX8-0719790209 Datasheet
1Mb / 13P
   2.54mm (.100") Pitch C-Grid Receptacle, Surface Mount, Dual Row, Right Angle, 18 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com