Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0713086438 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0713086438
Description  2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 38 Circuits1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130")
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0713086438 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0713086438 Datasheet HTML 1Page - Molex Electronics Ltd. 0713086438 Datasheet HTML 2Page - Molex Electronics Ltd. 0713086438 Datasheet HTML 3Page - Molex Electronics Ltd. 0713086438 Datasheet HTML 4Page - Molex Electronics Ltd. 0713086438 Datasheet HTML 5Page - Molex Electronics Ltd. 0713086438 Datasheet HTML 6Page - Molex Electronics Ltd. 0713086438 Datasheet HTML 7Page - Molex Electronics Ltd. 0713086438 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 03/30/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0713086438
Status:
Active
Description:
2.54mm (.100") Pitch C-Grid® Header, Surface Mount, Dual Row, Vertical, 38 Circuits,
1.50µm (59µ") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130")
PCB Locator Pegs
Documents:
3D Model
Product Specification PS-71308 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
71308
Application
Board-to-Board, Wire-to-Board
Product Name
C-Grid®
Physical
Breakaway
Yes
Circuits (Loaded)
38
Circuits (maximum)
38
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71308Series


Similar Part No. - 0713086438

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0713086430 MOLEX8-0713086430 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, 30 Circuits, 1.50um (59u") Minimum
0713086432 MOLEX8-0713086432 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid Header, Surface Mount, Dual Row, Vertical, 32 Circuits, 1.50um (59u") Minimum
0713086434 MOLEX8-0713086434 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 34 Circuits1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130")
0713086436 MOLEX8-0713086436 Datasheet
1Mb / 8P
   2.54mm (.100") Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 36 Circuits1.50關m (59關") Minimum Bright Tin (Sn) Over Nickel (Ni) Plating, with 3.30mm (.130")
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com