Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70567-0131 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 70567-0131
Description  2.54mm (.100") Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, VerticalShrouded, High Temperature, 62 Circuits, Tin (Sn) Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

70567-0131 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  70567-0131 Datasheet HTML 1Page - Molex Electronics Ltd. 70567-0131 Datasheet HTML 2Page - Molex Electronics Ltd. 70567-0131 Datasheet HTML 3Page - Molex Electronics Ltd. 70567-0131 Datasheet HTML 4Page - Molex Electronics Ltd. 70567-0131 Datasheet HTML 5Page - Molex Electronics Ltd. 70567-0131 Datasheet HTML 6Page - Molex Electronics Ltd. 70567-0131 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Polarized to PCB
No
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
Material Info
Old Part Number
A-70567-0131
Reference - Drawing Numbers
Packaging Specification
PK-70873-0018
Product Specification
PS-70567
Sales Drawing
SDA-70567-****
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 70567-0131

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70567-0137 MOLEX2-70567-0137 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 6 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
70567-0137 MOLEX11-70567-0137 Datasheet
51Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical,
70567-0138 MOLEX2-70567-0138 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 8 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
70567-0138 MOLEX11-70567-0138 Datasheet
46Kb / 2P
   2.54mm Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical,
70567-0139 MOLEX2-70567-0139 Datasheet
1Mb / 7P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole without Peg, Dual Row, Vertical, Shrouded, High Temperature, 10 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com