Electronic Components Datasheet Search |
|
68145-2825 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
68145-2825 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 04/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0681452825 Status: Active Description: 2.50mm (.098") Pitch Wire-to-Board Header, 1.02mm (.040") Tab Type, Right Angle, 28 Circuits, Gray Documents: 3D Model Product Specification PS-68145-002 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family PCB Headers Series 68145 Application Wire-to-Board Product Name N/A Physical Breakaway No Circuits (Loaded) 28 Circuits (maximum) 28 Color - Resin Gray Durability (mating cycles max) 50 First Mate / Last Break No Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Polyester Number of Rows 2 Orientation Right Angle PC Tail Length (in) 0.157 In PC Tail Length (mm) 4.00 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.098 In Pitch - Mating Interface (mm) 2.50 mm Plating min: Mating (µin) 32 Plating min: Mating (µm) 0.8 Plating min: Termination (µin) 32 Plating min: Termination (µm) 0.8 Shrouded Partial Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -30°C to +85°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 5A Voltage - Maximum 13V Material Info Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 68145Series Mates With 64002 Crimp Housing. 35563 Crimp Housing |
Similar Part No. - 68145-2825 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |