Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1560 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SB1560
Description  Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SB1560 Datasheet(HTML) 1 Page - Sanken electric

  2SB1560 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
48
∗hFE Rank O(5000to12000), P(6500to20000), Y(15000to30000)
Darlington
2SB1560
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
h FE– I C Temperature Characteristics (Typical)
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0
0
–2
–4
–6
–10
–8
–2
–4
–6
Collector-Emitter Voltage V CE(V)
–2.5mA
–2.0mA
–1.5mA
–1.0mA
–1.2mA
–0.8mA
–0.6mA
I B=–0.4mA
0
–3
–2
–1
–0.2
–1
–0.5
–10
–5
–200
–100
–50
Base Current I B(mA)
–7A
–10A
I C=–5A
0
–10
–8
–6
–2
–4
0
–2.5
–2
–1
Base-Emittor Voltage V BE(V)
(V CE=–4V)
1,000
10,000
40,000
5,000
–0.2
–0.5
–1
–5
–10
Collector Current I C(A)
(V CE=–4V)
Typ
(V CE=–4V)
–0.2
–1
–0.5
–5
–10
500
1000
5000
10000
50000
Collector Current I C(A)
125˚C
25˚C
–30˚C
0.1
1
3
0.5
1
5
10
50 100
500 1000 2000
Time t(ms)
0.02
0.1
0.05
0.5
1
5
10
0
40
60
20
100
80
(V CE=–12V)
Emitter Current I E(A)
Typ
10ms
–10
–50
–5
–3
–100
–200
–0.05
–0.1
–1
–0.5
–10
–30
–5
Collector-Emitter Voltage V CE(V)
DC
100ms
Without Heatsink
Natural Cooling
100
50
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
Safe Operating Area (Single Pulse)
θj-a–t Characteristics
f T– I E Characteristics (Typical)
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SD2390)
Application : Audio, Series Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
–160
–150
–5
–10
–1
100(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fr
COB
Ratings
–100max
–100max
–150min
5000min
–2.5max
–3.0max
50typ
230typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=–160V
VEB=–5V
IC=–30mA
VCE=–4V, IC=–7A
IC=–7A, IB=–7mA
IC=–7A, IB=–7mA
VCE=–12V, IE=2A
VCB=–10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
–70
RL
(
Ω)
10
IC
(A)
–7
VBB2
(V)
5
IB2
(mA)
7
ton
(
µs)
0.8typ
tstg
(
µs)
3.0typ
tf
(
µs)
1.2typ
IB1
(mA)
–7
VBB1
(V)
–10
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.
B
E
C
(70
Ω)
Equivalent circuit


Similar Part No. - 2SB1560

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1560 SAVANTIC-2SB1560 Datasheet
171Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SB1560 JMNIC-2SB1560 Datasheet
191Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1560 SAVANTIC-2SB1560 Datasheet
172Kb / 4P
   Silicon PNP Darlington Power Transistors
logo
Sanken electric
2SB1560 SANKEN-2SB1560 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Inchange Semiconductor ...
2SB1560 ISC-2SB1560 Datasheet
288Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1560

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SB1559 SANKEN-2SB1559 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1570 SANKEN-2SB1570 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1648 SANKEN-2SB1648 Datasheet
23Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1588 SANKEN-2SB1588 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1624 SANKEN-2SB1624 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1626 SANKEN-2SB1626 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1659 SANKEN-2SB1659 Datasheet
22Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1587 SANKEN-2SB1587 Datasheet
26Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1625 SANKEN-2SB1625 Datasheet
25Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
2SB1647 SANKEN-2SB1647 Datasheet
24Kb / 1P
   Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com