Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

687850005 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 687850005
Description  Mini DisplayPort*(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Leadfree
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

687850005 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  687850005 Datasheet HTML 1Page - Molex Electronics Ltd. 687850005 Datasheet HTML 2Page - Molex Electronics Ltd. 687850005 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0687850005
Status:
Active
Overview:
displayport
Description:
Mini DisplayPort*(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 1.5m (4.92'), Lead-
free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-68785-0004 (PDF)
General
Product Family
Cable Assemblies
Series
68785
Connector to Connector
Mini DisplayPort* Both Ends
Overview
displayport
Product Name
DisplayPort*, Mini DisplayPort*
Physical
Cable Length
1.50m (4.92' )
Circuits (Loaded)
20
Color - Resin
Black
Gender
Male-Male
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Resin
High Temperature Thermoplastic
Packaging Type
Carton
Pitch - Mating Interface (in)
0.024 In
Pitch - Mating Interface (mm)
0.60 mm
Single Ended
No
Waterproof / Dustproof
No
Wire Insulation Diameter
N/A
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
.5A
Impedance
100 ohms
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
40V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-68785-0004
Sales Drawing
SD-68785-0004
Mini DisplayPort* and DisplayPort* are trademarks or registered trademarks of VESA
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
68785Series
Mates With
105081 Mini DisplayPort* Receptacles
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 687850005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
687850002 MOLEX8-687850002 Datasheet
237Kb / 3P
   Mini DisplayPort(Plug)-to-DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Lead-free
687850003 MOLEX8-687850003 Datasheet
237Kb / 3P
   Mini DisplayPort(Plug)-to-DisplayPort(Plug) Cable Assembly, 2.0m (6.56), Lead-free
More results

Similar Description - 687850005

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687850002 MOLEX8-0687850002 Datasheet
237Kb / 3P
   Mini DisplayPort(Plug)-to-DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Lead-free
0687850006 MOLEX8-0687850006 Datasheet
189Kb / 3P
   Mini DisplayPort(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 2.0m (6.56), Leadfree
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
   Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687850005 MOLEX1-0687850005_18 Datasheet
34Kb / 1P
   Mini DisplayPort (Plug)-to-Mini DisplayPort (Plug) Cable Assembly, 1.50m, Lead-Free
0687850001 MOLEX1-0687850001_18 Datasheet
35Kb / 1P
   Mini DisplayPort (Plug)-to-DisplayPort (Plug) Cable Assembly, 1.0m, Lead-Free
0687850003 MOLEX8-0687850003 Datasheet
237Kb / 3P
   Mini DisplayPort(Plug)-to-DisplayPort(Plug) Cable Assembly, 2.0m (6.56), Lead-free
0687850001 MOLEX8-0687850001 Datasheet
237Kb / 3P
   Mini DisplayPort(Plug)-to-DisplayPort(Plug) Cable Assembly, 1.0m (3.28), Lead-free
logo
IOGEAR
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
   Mini DisplayPort to DisplayPort Cable - 6ft
logo
Tripp Lite. All Rights ...
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
   Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
   Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com