Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0015453234 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0015453234
Description  2.54mm (.100") Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual RowVertical, 6 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0015453234 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0015453234 Datasheet HTML 1Page - Molex Electronics Ltd. 0015453234 Datasheet HTML 2Page - Molex Electronics Ltd. 0015453234 Datasheet HTML 3Page - Molex Electronics Ltd. 0015453234 Datasheet HTML 4Page - Molex Electronics Ltd. 0015453234 Datasheet HTML 5Page - Molex Electronics Ltd. 0015453234 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Grounding to PCB
No
Voltage - Maximum
250V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Old Part Number
A-71395-1006
Reference - Drawing Numbers
Application Specification
AS-71395-001
Packaging Specification
PK-70873-0304
Product Specification
PS-71395
Sales Drawing
SDA-71395-1***
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0015453234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015453230 MOLEX2-0015453230 Datasheet
747Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 30 Circuits
0015453230 MOLEX1-0015453230_17 Datasheet
37Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453232 MOLEX2-0015453232 Datasheet
748Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 32 Circuits
0015453232 MOLEX1-0015453232_17 Datasheet
37Kb / 2P
   2.54mm Pitch C-Grid PCB Connector, Surface Mount, High Profile, Dual Row, Vertical
0015453236 MOLEX2-0015453236 Datasheet
747Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com