Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67926-0301 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 67926-0301
Description  3.81mm (.150") Pitch Serial ATA IDT Power Receptacle, Gold (Au) Flash, 20AWG, withLatch, without Bump, Lead free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

67926-0301 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  67926-0301 Datasheet HTML 1Page - Molex Electronics Ltd. 67926-0301 Datasheet HTML 2Page - Molex Electronics Ltd. 67926-0301 Datasheet HTML 3Page - Molex Electronics Ltd. 67926-0301 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0679260301
Status:
Active
Description:
3.81mm (.150") Pitch Serial ATA IDT Power Receptacle, Gold (Au) Flash, 20AWG, with
Latch, without Bump, Lead free
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
IDT and Solder Connectors
Series
67926
Crimp Quality Equipment
Yes
Product Name
Serial ATA
Use With
67926-0040 Feed-to Cover, 67926-0041 Feed-Through
Cover
Physical
Circuits (Loaded)
5
Color - Resin
Black
Durability (mating cycles max)
50
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.150 In
Pitch - Mating Interface (mm)
3.81 mm
Pitch - Term. Interface (in)
0.150 In
Pitch - Term. Interface (mm)
3.81 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.90
Polarized to Mating Part
Yes
Temperature Range - Operating
-35°C to +85°C
Wire Size AWG
20
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
15V DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-67926-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67926Series
Mates With
87679
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Insertion Tool for
3.96mm (.156") Pitch
KK® IDT Crimp
Terminals
0638133503
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67926-0301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67926-0312 MOLEX8-67926-0312 Datasheet
247Kb / 4P
   3.81mm (.150") Pitch Serial ATA IDT Power Receptacle, 0.76mm (30m") Gold (Au)Plating, 20AWG, without Latch, with Bump, Lead free
67926-0315 MOLEX8-67926-0315 Datasheet
240Kb / 4P
   3.81mm (.150") Pitch Serial ATA IDT Power Receptacle
67926-0325 MOLEX8-67926-0325 Datasheet
249Kb / 4P
   3.81mm (.150") Pitch Serial ATA IDT Power Receptacle, 0.38mm (15m") Gold (Au)Plating, 20AWG, with Latch, with Bump, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com