Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM718FV4021H-6 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # KM718FV4021H-6
Description  128Kx36 & 256Kx18 Synchronous Pipelined SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM718FV4021H-6 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button KM718FV4021H-6 Datasheet HTML 4Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 5Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 6Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 7Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 8Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 9Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 10Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 11Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Rev 1.0
KM718FV4021
128Kx36 & 256Kx18 SRAM
- 11
KM736FV4021
Dec. 1998
JTAG DC OPERATING CONDITIONS
NOTE : 1. The input level of SRAM pin is to follow the SRAM DC specification
.
Parameter
Symbol
Min
Typ
Max
Unit
Note
Power Supply Voltage
VDD
3.15
3.3
3.45
V
Input High Level
VIH
2.0
-
VDD+0.3
V
Input Low Level
VIL
-0.3
-
0.8
V
Output High Voltage(IOH=-2mA)
VOH
2.4
-
VDD
V
Output Low Voltage(IOL=2mA)
VOL
VSS
-
0.4
V
JTAG TIMING DIAGRAM
JTAG AC Characteristics
Parameter
Symbol
Min
Max
Unit
Note
TCK Cycle Time
tCHCH
50
-
ns
TCK High Pulse Width
tCHCL
20
-
ns
TCK Low Pulse Width
tCLCH
20
-
ns
TMS Input Setup Time
tMVCH
5
-
ns
TMS Input Hold Time
tCHMX
5
-
ns
TDI Input Setup Time
tDVCH
5
-
ns
TDI Input Hold Time
tCHDX
5
-
ns
SRAM Input Setup Time
tSVCH
5
-
ns
SRAM Input Hold Time
tCHSX
5
-
ns
Clock Low to Output Valid
tCLQV
0
10
ns
JTAG AC TEST CONDITIONS
NOTE : 1. See SRAM AC test output load on page 5.
Parameter
Symbol
Min
Unit
Note
Input High/Low Level
VIH/VIL
3.0/0.0
V
Input Rise/Fall Time
TR/TF
2.0/2.0
ns
Input and Output Timing Reference Level
1.5
V
1
TCK
TMS
TDI
TDO
tCHCH
tMVCH
tCHMX
tCHCL
tCLCH
tDVCH
tCHDX
tCLQV


Similar Part No. - KM718FV4021H-6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM718N FRONTIER-KM718N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM718N FRONTIER-KM718N Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM718N-LFR FRONTIER-KM718N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
logo
Samsung semiconductor
KM718V089 SAMSUNG-KM718V089 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
More results

Similar Description - KM718FV4021H-6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7N403601B SAMSUNG-K7N403601B Datasheet
386Kb / 18P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
   128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com