Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71439-1464 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71439-1464
Description  1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Embossed Tape on Reel, 0.76關m (30關") Gold (Au), 64 Circuits Pick
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71439-1464 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71439-1464 Datasheet HTML 1Page - Molex Electronics Ltd. 71439-1464 Datasheet HTML 2Page - Molex Electronics Ltd. 71439-1464 Datasheet HTML 3Page - Molex Electronics Ltd. 71439-1464 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0714391464
Status:
Active
Description:
1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row,
Vertical Stacking, Embossed Tape on Reel, 0.76µm (30µ") Gold (Au), 64 Circuits Pick
and Place Cap
Documents:
3D Model
Product Specification PS-71436-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71439
Application
Board-to-Board
Comments
Plugs
Product Name
Mezzanine
Physical
Circuits (Loaded)
64
Color - Resin
Natural
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Mated Height (in)
0.433 In, 0.472 In
Mated Height (mm)
11.00 mm, 12.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
76.4
Plating min: Termination (µm)
1.91
Polarized to PCB
No
Robotic Placement
Pick and Place Cap
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
100V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Reflow Capable (SMT only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71439Series
Mates With
714361 for Stack Height 11.00mm (.433"),
714362 for Stack Height 12.00mm (.472")


Similar Part No. - 71439-1464

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71439-1164 MOLEX8-71439-1164 Datasheet
314Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row,Vertical Stacking, Tube, 0.76關m (30關") Gold (Au), 64 Circuits
71439-1564 MOLEX8-71439-1564 Datasheet
314Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual RowVertical Stacking, Tube, 0.76關m (30關") Gold (Au), 64 Circuits
71439-1864 MOLEX8-71439-1864 Datasheet
314Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row, Vertical Stacking
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com