Electronic Components Datasheet Search |
|
70287-1013 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
70287-1013 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 03/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0702871013 Status: Active Description: 2.54mm (.100") Pitch C-Grid® Header, Breakaway, Dual Row, Vertical, with Retention Pin, 30 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating Documents: 3D Model Product Specification PS-70280 (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 70287 Application Board-to-Board, Wire-to-Board Product Name C-Grid® Physical Breakaway Yes Circuits (Loaded) 30 Circuits (maximum) 30 Color - Resin Black Durability (mating cycles max) 25 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part N/A Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PC Tail Length (in) 0.125 In PC Tail Length (mm) 3.18 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.57 mm Packaging Type Bag Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Plating min: Mating (µin) 152.400 Plating min: Mating (µm) 3.81 Plating min: Termination (µin) 152.400 Plating min: Termination (µm) 3.81 Polarized to Mating Part No Polarized to PCB No Shrouded No Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 70287Series Mates With 7859 Shunt, C-Grid Receptacles, SL™ Crimp, FFC and IDT Housing |
Similar Part No. - 70287-1013 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |