Electronic Components Datasheet Search |
|
A-71395-1036 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
A-71395-1036 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0713951006 Status: Active Overview: cgrid__sl_products Description: 2.54mm (.100") Pitch C-Grid® PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 6 Circuits Documents: 3D Model Product Specification PS-71395 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Receptacles Series 71395 Application Board-to-Board Overview cgrid__sl_products Product Name C-Grid® Physical Circuits (Loaded) 6 Color - Resin Black Durability (mating cycles max) 25 Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part No Material - Metal Phosphor Bronze Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PCB Locator No PCB Retention None Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Plating min: Mating (µin) 150 Plating min: Mating (µm) 3.75 Plating min: Termination (µin) 150 Plating min: Termination (µm) 3.75 Polarized to Mating Part No Polarized to PCB No Stackable No Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +105°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 2.5A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 71395Series Mates With 8624 C-Grid® Breakaway Header, 70246 Straight Header, 70247 Right Angle Header, 70287 C-Grid® Header, 70227 Dual Row C-Grid® Header, 70567 C-Grid® Header, 70280 C-Grid® Breakaway Header, 70524 C-Grid® Breakaway Header, 7 |
Similar Part No. - A-71395-1036 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |