Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15-45-3238 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15-45-3238
Description  2.54mm (.100") Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual RowVertical, 6 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

15-45-3238 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15-45-3238 Datasheet HTML 1Page - Molex Electronics Ltd. 15-45-3238 Datasheet HTML 2Page - Molex Electronics Ltd. 15-45-3238 Datasheet HTML 3Page - Molex Electronics Ltd. 15-45-3238 Datasheet HTML 4Page - Molex Electronics Ltd. 15-45-3238 Datasheet HTML 5Page - Molex Electronics Ltd. 15-45-3238 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0713951006
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch C-Grid® PCB Connector, Surface Mount, High Profile, Dual Row,
Vertical, 6 Circuits
Documents:
3D Model
Product Specification PS-71395 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71395
Application
Board-to-Board
Overview
cgrid__sl_products
Product Name
C-Grid®
Physical
Circuits (Loaded)
6
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
No
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71395Series
Mates With
8624 C-Grid® Breakaway Header, 70246
Straight Header, 70247 Right Angle Header,
70287 C-Grid® Header, 70227 Dual Row
C-Grid® Header, 70567 C-Grid® Header,
70280 C-Grid® Breakaway Header, 70524
C-Grid® Breakaway Header, 7


Similar Part No. - 15-45-3238

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15-45-3238 MOLEX2-15-45-3238 Datasheet
747Kb / 6P
   2.54mm (.100) Pitch C-Grid짰 PCB Connector, Surface Mount, High Profile, Dual Row, Vertical, 38 Circuits
15-45-3238 MOLEX-15-45-3238 Datasheet
331Kb / 4P
   CONNECTOR DUAL ROW VERTICAL SURFACE MOUNT TOP ENTRY ON .100 GRID
2020/02/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com