Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71661-7250 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 71661-7250
Description  1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 50 Circuits, 3.40mm(.134") PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71661-7250 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  71661-7250 Datasheet HTML 1Page - Molex Electronics Ltd. 71661-7250 Datasheet HTML 2Page - Molex Electronics Ltd. 71661-7250 Datasheet HTML 3Page - Molex Electronics Ltd. 71661-7250 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-71660
Product Specification
PS-71660
Sales Drawing
SDA-71661-7***
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 71661-7250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71661-7230 MOLEX8-71661-7230 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 30 Circuits, 3.40mm(.134") PC Tail Length
71661-7240 MOLEX8-71661-7240 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 40 Circuits, 3.40mm(.134) PC Tail Length
71661-7260 MOLEX8-71661-7260 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 60 Circuits, 3.40mm(.134") PC Tail Length
71661-7268 MOLEX8-71661-7268 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Plug, Vertical, Blind Mate, 68 Circuits, 3.40mm (.134") PC Tail Length
71661-7280 MOLEX8-71661-7280 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 80 Circuits, 3.40mm(.134") PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com