Electronic Components Datasheet Search |
|
71439-0564 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
71439-0564 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 4 page This document was generated on 03/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0714390564 Status: Active Description: 1.00mm (.039") Pitch Mezzanine IEEE 1386 Receptacle, Surface Mount, Dual Row, Vertical Stacking, Embossed Tape on Reel, 0.76µm (30µ") Gold (Au), 64 Circuits Documents: 3D Model Product Specification PS-71436-9999 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Receptacles Series 71439 Application Board-to-Board Comments Plugs Product Name Mezzanine Physical Circuits (Loaded) 64 Color - Resin Natural Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part Yes Mated Height (in) 0.315 In, 0.354 In, 0.394 In Mated Height (mm) 10.00 mm, 8.00 mm, 9.00 mm Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Number of Rows 2 Orientation Vertical PCB Locator Yes PCB Retention None Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.039 In Pitch - Mating Interface (mm) 1.00 mm Plating min: Mating (µin) 30.4 Plating min: Mating (µm) 0.76 Plating min: Termination (µin) 76.4 Plating min: Termination (µm) 1.91 Polarized to PCB No Surface Mount Compatible (SMC) N/A Temperature Range - Operating -55°C to +85°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 1A Voltage - Maximum 100V Solder Process Data Lead-free Process Capability Reflow Capable (SMT only) Process Temperature max. C 260 Material Info Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 71439Series Mates With 714360 for Stack Height 8.00mm (.315"), 714361 for Stack Height 9.00mm (.354"), 714362 for Stack Height 10.00mm (.394") |
Similar Part No. - 71439-0564 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |