Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6B1713A15-XXX0 Datasheet(PDF) 25 Page - Samsung semiconductor

Part # S6B1713A15-XXX0
Description  65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B1713A15-XXX0 Datasheet(HTML) 25 Page - Samsung semiconductor

Back Button S6B1713A15-XXX0 Datasheet HTML 21Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 22Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 23Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 24Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 25Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 26Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 27Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 28Page - Samsung semiconductor S6B1713A15-XXX0 Datasheet HTML 29Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
S6B1713
65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
21
LCD DISPLAY CIRCUITS
Oscillator
This is completely on-chip oscillator and its frequency is nearly independent of VDD. This oscillator signal is used in
the voltage converter and display timing generation circuit.
* Test condition: Temperature: 25
°C & 85°C, TEMPS=”L”, No load
VDD vs. fosc
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
2.4
2.7
3.0
3.3
3.6
4.0
4.5
5.0
5.5
VDD [V]
fosc
[kHz]
1/33 Duty (25캜 )
1/49 Duty (25캜 )
1/65 Duty (25캜 )
1/33 Duty (85캜 )
1/49 Duty (85캜 )
1/65 Duty (85캜 )
Figure 13. VDD vs. fOSC
Display Timing Generator Circuit
This circuit generates some signals to be used for displaying LCD. The display clock, CL, generated by oscillation
clock, generates the clock for the line counter and the signal for the display data latch. The line address of on-chip
RAM is generated in synchronization with the display clock (CL) and the 132-bit display data is latched by the
display data latch circuit in synchronization with the display clock. The display data, which is read to the LCD driver,
is completely independent of the access to the display data RAM from the microprocessor. The display clock
generates an LCD AC signal(M) which enables the LCD driver to make a AC drive waveform, and also generates an
internal common timing signal and start signal to the common driver. Driving 2-frame AC driver waveform and
internal timing signal are shown in figure 14.
In a multiple-chip configuration, the slave chip requires the M, CL and DISP signals from the master. Table 11 shows
the M, CL, and DISP status.
Table 11. Master and Slave Timing Signal Status
Operation mode
Oscillator
M
CL
DISP
ON (internal clock used)
Output
Output
Output
Master
OFF (external clock used)
Output
Input
Output
Slave
-
Input
Input
Input


Similar Part No. - S6B1713A15-XXX0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
   128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
More results

Similar Description - S6B1713A15-XXX0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com