Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

67643-0980 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 67643-0980
Description  Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, Gold (Au) Flash Plating, PCB Thickness 1.20mm (.047"),
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

67643-0980 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  67643-0980 Datasheet HTML 1Page - Molex Electronics Ltd. 67643-0980 Datasheet HTML 2Page - Molex Electronics Ltd. 67643-0980 Datasheet HTML 3Page - Molex Electronics Ltd. 67643-0980 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-67643-003
Sales Drawing
SD-67643-004
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 67643-0980

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
67643-0910 MOLEX8-67643-0910 Datasheet
180Kb / 4P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, BlackPolyester, Gold (Au) Flash, PCB Thickness 1.60mm (.063
67643-0931 MOLEX8-67643-0931 Datasheet
180Kb / 4P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, HighTemperature Black Nylon, 0.76關m (30關") Gold (Au) Plating, PCB Thickness 1.20mm
67643-0990 MOLEX8-67643-0990 Datasheet
200Kb / 4P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, BlackPolyester, Gold (Au) Flash, PCB Thickness 1.60mm (.063"), with Upper Flange, Lead
67643-0991 MOLEX8-67643-0991 Datasheet
200Kb / 4P
   Universal Serial Bus (USB) Shielded I/O Receptacle, Right Angle, Type A, Black Polyester, 0.76關m (30關") Gold (Au) Plating, PCB Thickness 1.60mm (.063"), with Upper Flange, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com