Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0717640206 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0717640206
Description  2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right Angle,High Temperature, 6 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0717640206 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0717640206 Datasheet HTML 1Page - Molex Electronics Ltd. 0717640206 Datasheet HTML 2Page - Molex Electronics Ltd. 0717640206 Datasheet HTML 3Page - Molex Electronics Ltd. 0717640206 Datasheet HTML 4Page - Molex Electronics Ltd. 0717640206 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
71764
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2007-0449
A
DATE:
2006-08-18
TITLE:
DUAL ROW WAFER ASS’Y
W/ BREAK-OFF OPTION RT.
ANG. (0.64)/.025 SQ PINS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-71764-001
PRIDDER
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ITEM NO: 71764-0304/0330
ITEM NO: 71764-0404/0430
ITEM NO: 71764-0504/0530
DIM. C
(8.13)/.320
DIM. C
(8.13)/.320
DIM. C
(8.13)/.320
DIM. E (REF.)
(2.79)/.110
DIM. E (REF.)
(2.79)/.110
DIM. E (REF.)
(2.79)/.110
PLATING FINISH
TIN
PLATING FINISH
15 GOLD
PLATING FINISH
30 GOLD
CONNECTOR END PLATING
TIN
CONNECTOR END PLATING
GOLD
CONNECTOR END PLATING
GOLD
P.C. BOARD END PLATING
TIN
P.C. BOARD END PLATING
TIN
P.C. BOARD END PLATING
TIN
PACKAGING
SEE NOTE 4 SHEET 1
PACKAGING
SEE NOTE 4 SHEET 1
PACKAGING
SEE NOTE 4 SHEET 1
CKTS
ITEM NUMBER
VOIDS
CKTS
ITEM NUMBER
VOIDS
CKTS
ITEM NUMBER
VOIDS
04
71764-0304
04
71764-0404
04
71764-0504
06
71764-0306
06
71764-0406
06
71764-0506
08
71764-0308
08
71764-0408
08
71764-0508
10
71764-0310
10
71764-0410
10
71764-0510
12
71764-0312
12
71764-0412
12
71764-0512
14
71764-0314
14
71764-0414
14
71764-0514
16
71764-0316
16
71764-0416
16
71764-0516
18
71764-0318
18
71764-0418
18
71764-0518
20
71764-0320
20
71764-0420
20
71764-0520
22
71764-0322
22
71764-0422
22
71764-0522
24
71764-0324
24
71764-0424
24
71764-0524
26
71764-0326
26
71764-0426
26
71764-0526
28
71764-0328
28
71764-0428
28
71764-0528
30
71764-0330
30
71764-0430
30
71764-0530


Similar Part No. - 0717640206

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0717640204 MOLEX8-0717640204 Datasheet
131Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right AngleHigh Temperature, 4 Circuits, 0.76關m (30關") Gold (Au) Selective Plating
0717640208 MOLEX8-0717640208 Datasheet
131Kb / 5P
   2.54mm (.100") Pitch C-Grid Breakaway Header, Low Profile, Dual Row, Right Angle, High Temperature, 8 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com