Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6C0657 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S6C0657
Description  263 / 256 CHANNEL TFT-LCD GATE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6C0657 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S6C0657 Datasheet HTML 3Page - Samsung semiconductor S6C0657 Datasheet HTML 4Page - Samsung semiconductor S6C0657 Datasheet HTML 5Page - Samsung semiconductor S6C0657 Datasheet HTML 6Page - Samsung semiconductor S6C0657 Datasheet HTML 7Page - Samsung semiconductor S6C0657 Datasheet HTML 8Page - Samsung semiconductor S6C0657 Datasheet HTML 9Page - Samsung semiconductor S6C0657 Datasheet HTML 10Page - Samsung semiconductor S6C0657 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
263 / 256 CHANNEL TFT-LCD GATE DRIVER
S6C0657
7
PIN DESCRIPTIONS
Symbol
Pin Name
I / O
Description
DI/O
DO/I
Start pulse input/output
I / O
When these inputs operate as the input, the start pulse data is
read at the rising edge of shift clock, CPV.
When these inputs operate as the output, the start pulse output
is the next chip’s start pulse input. The output pulse is
generated
at the falling edge of the 263th shift clock, CPV.
When U/D = H, the shift register does right shifting operation.
(Input = DI/O and output = DO/I)
When U/D = L, the shift register does left shifting operation.
(Input = DO/I and output = DI/O)
U/D
Shift direction control input
I
When U/D = H, DI/O
→ G001 →……→ G263 → DO/I
When U/D = L, DO/I
→ G263 →……→ G001 → DI/O
CPV
Shift clock input
I
The shift register operates in synchronization with the rising
edge of this input
SEL
Output selection input
I
This input selects the number of available outputs
When SEL = H, 263 output mode
When SEL = L, 256 output mode(G129 - G135 are disabled)
OE
Output enable input
I
This input controls the state of the driver outputs.
When OE = H, the driver output is fixed to VOFF.
When OE = L, the driver output is VGG or VOFF corresponding
to the data.
G001
to
G263
Driver output
O
The output signals change in synchronization with the rising
edge of shift clock input, CPV.
The amplitude of the driver output is VGG - VOFF.
VOFF
Negative power supply
I
This input is logic and driver ground.
Always, has negative potential.
VLO
Logic input low voltage
I
This input operates as the reference to the level conversion of
the other input.
The other logic input range: VDD - VLO
VGG
Driver positive power supply
I
6 to 33 V
The TFT gate ON voltage is VGG - VOFF.
VDD
Logic positive power supply
I
2.7 to 5.5 V


Similar Part No. - S6C0657

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6C0655 SAMSUNG-S6C0655 Datasheet
133Kb / 16P
   120 / 128 CHANNEL TFT-LCD GATE DRIVER
More results

Similar Description - S6C0657

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0657 SAMSUNG-KS0657 Datasheet
110Kb / 16P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
logo
NEC
UPD16705 NEC-UPD16705 Datasheet
70Kb / 12P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16705 RENESAS-PD16705_15 Datasheet
207Kb / 14P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
S6C0649 SAMSUNG-S6C0649 Datasheet
118Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
S6C0647 SAMSUNG-S6C0647 Datasheet
108Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com