Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6C0647 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S6C0647
Description  256 CHANNEL TFT-LCD GATE DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6C0647 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S6C0647 Datasheet HTML 5Page - Samsung semiconductor S6C0647 Datasheet HTML 6Page - Samsung semiconductor S6C0647 Datasheet HTML 7Page - Samsung semiconductor S6C0647 Datasheet HTML 8Page - Samsung semiconductor S6C0647 Datasheet HTML 9Page - Samsung semiconductor S6C0647 Datasheet HTML 10Page - Samsung semiconductor S6C0647 Datasheet HTML 11Page - Samsung semiconductor S6C0647 Datasheet HTML 12Page - Samsung semiconductor S6C0647 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
256 CH. TFT-LCD GATE DRIVER
S6C0647
9
DC CHARACTERISTICS (VLO = 0 V
≥ VSS1 = VSS2)
Table 3. DC Characteristics
(Ta = - 20 to 75
°C, VGG - VSS2 = 21 to 40 V, VLO - VSS1 = 15 to 0 V, VDD - VLO = 3.0 to 5.5 V)
Parameter
Symbol
Condition
Min.
Max.
Unit
Pin used
High input voltage
VIH
VLO + 0.9VX
VDD
V
Low input voltage
VIL
VX = VDD - VLO
VSS1
VLO +
0.1VX
V
(1)
High output voltage
VOH
IOH = - 40
µA
VDD - 0.4
VDD
V
Low output voltage
VOL
IOL = 40
µA
VSS1
VSS1 + 0.4
V
(2)
ROH
VOUT = VGG - 0.5 V,
VGG = 40 V, VSS2 = 0 V
-
500
G001 to
G256
LCD driver output
ON resistance
ROL
VOUT = 0.5 V,
VGG = 40 V, VSS2 = 0 V
-
500
G001 to
G256
High output current
IGG
Without output load
-
400
µA
VGG
VDD - VSS1 = 3.3 V
-
400
µA
Low output current
IDD
VDD - VSS1 = 19 V
-
1000
µA
(1)
(3)
Input leak current
ILK
-
- 5
5
µA
(1)
NOTES:
1.
DI/O, DO/I, CPV, OE1, OE2, OE3, U/D used.
2.
When U/D = H, DO/I used, and when U/D = L, DI/O used.
3.
Input swing voltage = VDD to VDD - 3.0 V


Similar Part No. - S6C0647

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
   6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C0649 SAMSUNG-S6C0649 Datasheet
118Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
More results

Similar Description - S6C0647

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0647 SAMSUNG-KS0647 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
S6C0649 SAMSUNG-S6C0649 Datasheet
118Kb / 14P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0649 SAMSUNG-KS0649 Datasheet
101Kb / 15P
   256 CHANNEL TFT-LCD GATE DRIVER
KS0657 SAMSUNG-KS0657 Datasheet
110Kb / 16P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
S6C0657 SAMSUNG-S6C0657 Datasheet
116Kb / 15P
   263 / 256 CHANNEL TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16700 RENESAS-PD16700_15 Datasheet
212Kb / 14P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
   256-OUTPUT TFT-LCD GATE DRIVER
logo
Renesas Technology Corp
PD16707 RENESAS-PD16707_15 Datasheet
262Kb / 23P
   263/256-OUTPUT TFT-LCD GATE DRIVER
PD16707A RENESAS-PD16707A_15 Datasheet
281Kb / 15P
   263/256-OUTPUT TFT-LCD GATE DRIVER
logo
Sharp Corporation
LH1694 SHARP-LH1694 Datasheet
123Kb / 10P
   256-output TFT-LCD Gate Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com