Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71661-7050 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 71661-7050
Description  1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 50 Circuits, 2.79mm(.110") PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71661-7050 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  71661-7050 Datasheet HTML 1Page - Molex Electronics Ltd. 71661-7050 Datasheet HTML 2Page - Molex Electronics Ltd. 71661-7050 Datasheet HTML 3Page - Molex Electronics Ltd. 71661-7050 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 71661-7050

ManufacturerPart #DatasheetDescription
logo
MolexKits
71661-7050 MOLEXKITS-71661-7050 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
71661-7050 MOLEXKITS-71661-7050 Datasheet
38Kb / 2P
   BMI PCB Vertical Plug and Receptacle 2.79mm Tail length
71661-7050 MOLEXKITS-71661-7050 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com