Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6B0724 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S6B0724
Description  132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0724 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S6B0724 Datasheet HTML 2Page - Samsung semiconductor S6B0724 Datasheet HTML 3Page - Samsung semiconductor S6B0724 Datasheet HTML 4Page - Samsung semiconductor S6B0724 Datasheet HTML 5Page - Samsung semiconductor S6B0724 Datasheet HTML 6Page - Samsung semiconductor S6B0724 Datasheet HTML 7Page - Samsung semiconductor S6B0724 Datasheet HTML 8Page - Samsung semiconductor S6B0724 Datasheet HTML 9Page - Samsung semiconductor S6B0724 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
PRELIMINARY SPEC. VER. 0.9
S6B0724
2
Built-in Analog Circuit
− On-chip oscillator circuit for display clock (external clock can also be used)
− High performance voltage converter (with booster ratios of x2, x3, x4 and x5, where the step-up reference
voltage can be used externally)
− High accuracy voltage regulator (temperature coefficient: -0.05%/°C or external input)
− Electronic contrast control function (64 steps)
− Vref = 2.1V ± 3% (V0 voltage adjustment voltage)
− High performance voltage follower (V1 to V4 voltage divider resistors and OP-Amp for increasing drive
capacity)
Operating Voltage Range
− Supply voltage (VDD): 2.4 to 3.6 V
− LCD driving voltage (VLCD = V0 - VSS): 4.5 to 15.0 V
Low Power Consumption
− Operating power: 40µΑ typical. (condition: VDD = 3V, x 4 boosting (VCI is VDD), V0 = 11V, internal power
supply ON, display OFF and normal mode is selected)
− Standby power: 10µΑ maximum. (during power save[standby] mode)
Operating Temperatures
− Wide range of operating temperatures : -40 to 85°C
CMOS Process
Package Type
− Gold bumped chip


Similar Part No. - S6B0724

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CY SAMSUNG-S6B0721X01-B0CY Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-B0CZ SAMSUNG-S6B0721X01-B0CZ Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXX0 SAMSUNG-S6B0721X01-XXX0 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721X01-XXXN SAMSUNG-S6B0721X01-XXXN Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - S6B0724

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B1713 SAMSUNG-S6B1713 Datasheet
419Kb / 70P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com