Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71743-1045 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 71743-1045
Description  1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical SCA-2, 40 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

71743-1045 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  71743-1045 Datasheet HTML 1Page - Molex Electronics Ltd. 71743-1045 Datasheet HTML 2Page - Molex Electronics Ltd. 71743-1045 Datasheet HTML 3Page - Molex Electronics Ltd. 71743-1045 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0717431045
Status:
Active
Description:
1.27mm (.050") Pitch EBBI™ 50D Receptacle, Vertical SCA-2, 40 Circuits
Documents:
3D Model
Product Specification PS-73826-0000 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
71743
Application
Board-to-Board
Product Name
EBBI™
Physical
Circuits (Loaded)
40
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.148 In
PC Tail Length (mm)
3.75 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
10
Plating min: Termination (µm)
0.25
Polarized to PCB
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71743Series
Mates With
87572 , 87571 , 87012


Similar Part No. - 71743-1045

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71743-1040 MOLEX8-71743-1040 Datasheet
178Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Vertical SCA-2, 40 Circuits
71743-1041 MOLEX8-71743-1041 Datasheet
178Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Vertical SCA-2, 40 Circuits
71743-1044 MOLEX8-71743-1044 Datasheet
177Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Vertical SCA-2, 40 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com