Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6B0715A11-B0CY Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S6B0715A11-B0CY
Description  33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6B0715A11-B0CY Datasheet(HTML) 2 Page - Samsung semiconductor

  S6B0715A11-B0CY Datasheet HTML 1Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 2Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 3Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 4Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 5Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 6Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 7Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 8Page - Samsung semiconductor S6B0715A11-B0CY Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715
2
S6B0715 Specification Revision History
Version
Content
Date
1.0
CAP3P
→ C3+, CAP2P → C2+, CAP1P → C1+
CAP3M
→ C3-, CAP2M → C2-, CAP1M → C1-
Oscillator frequency
FOSC (kHz) =
→ 19 (Min.): 22.5 (Typ.): 26 (Max.)
FCL (kHz) =
→ 2.37 (Min.): 2.81 (Typ.): 3.25 (Max.)
2.0
Temperature coefficient
TEMPS = L: -0.0%/
°C → -0.05%/°C
Absolute maximum ratings
VLCD: +0.3 to +15.0
→ -0.3 to +17.0
Dynamic current consumption
IDD1: 40
µA (Max.)
IDD2: 75
µA (Typ.), 100µA (Max.)
3.0
Oscillator frequency (internal)
19: 22.5: 26
→ 17: 22.5: 27
Oscillator frequency (external)
2.13: 2.81: 3.25
→ 2.13: 2.81: 3.37
3.1
Apr.1999
4.0
Change VDD Range : 2.4V to 5.5V
→ 2.4V to 3.6V
Jan.2000


Similar Part No. - S6B0715A11-B0CY

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716X01-C0C8 SAMSUNG-S6B0716X01-C0C8 Datasheet
816Kb / 57P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716X11-C0C8 SAMSUNG-S6B0716X11-C0C8 Datasheet
816Kb / 57P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717X01-B0CY SAMSUNG-S6B0717X01-B0CY Datasheet
910Kb / 65P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results

Similar Description - S6B0715A11-B0CY

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0716 SAMSUNG-S6B0716 Datasheet
816Kb / 57P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0717 SAMSUNG-KS0717 Datasheet
869Kb / 64P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0719 SAMSUNG-S6B0719 Datasheet
575Kb / 64P
   160 SEG / 105 COM SEG DRIVER & CONTROLLER FOR STN LCD
S6B0718 SAMSUNG-S6B0718 Datasheet
703Kb / 64P
   104 SEG / 81 COM DRIVER & CONTROLLER FOR STN LCD
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0718 SAMSUNG-KS0718 Datasheet
724Kb / 66P
   81 COM / 104 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com