Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0701070051 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0701070051
Description  2.54mm (.100") Pitch SL??Wire-to-Wire Panel Mount Crimp Housing, Single RowVersion B, With Mounting Ears, 17 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0701070051 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0701070051 Datasheet HTML 1Page - Molex Electronics Ltd. 0701070051 Datasheet HTML 2Page - Molex Electronics Ltd. 0701070051 Datasheet HTML 3Page - Molex Electronics Ltd. 0701070051 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0701070051
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch SL™ Wire-to-Wire Panel Mount Crimp Housing, Single Row,
Version B, With Mounting Ears, 17 Circuits
Documents:
3D Model
Product Specification PS-70400 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
70107
Overview
cgrid__sl_products
Product Name
SL™
Physical
Circuits (maximum)
17
Color - Resin
Black
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70107-100
Product Specification
PS-70400
Sales Drawing
SD-70107-0036-0059
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70107Series
Mates With
70400G ,, 70066g Housing, 70430g
Receptacle
Use With
70021
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0701070051

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0701070051 MOLEX1-0701070051 Datasheet
36Kb / 1P
   SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070051 MOLEX1-0701070051_17 Datasheet
33Kb / 1P
   SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
0701070051 MOLEX1-0701070051_18 Datasheet
36Kb / 1P
   SL Wire-to-Wire Panel Mount Crimp Housing, Single Row, Version B, with Mounting Ears
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com