Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74060-2503 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74060-2503
Description  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 200 Circuits, Pin Length 4.25mm (.167")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74060-2503 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74060-2503 Datasheet HTML 1Page - Molex Electronics Ltd. 74060-2503 Datasheet HTML 2Page - Molex Electronics Ltd. 74060-2503 Datasheet HTML 3Page - Molex Electronics Ltd. 74060-2503 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
3A
Data Rate
3.125 Gbps
Real Signals (per 25mm)
100
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74060-003
Product Specification
PS-74031-999
Sales Drawing
SD-74060-002
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM® 8 Row
Shield Extraction
Tool
0622016100
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 25 Wide,
50.00mm (1.97")
0622020206
VHDM® Insertion
Module for Standard
Shield Signal
Header, 8 Row by
25 Wide, 50.00mm
(1.97")
0622020210
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74060-2503

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74060-2501 MOLEX8-74060-2501 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM Board-to-Board Backplane Header, Vertical, 8-Row, Open Signal Module, 200
74060-2504 MOLEX8-74060-2504 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowOpen Signal Module, 200 Circuits, Pin Length 5.15mm (.203")
74060-2506 MOLEX8-74060-2506 Datasheet
282Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 200 Circuits, Pin Length 4.75mm (.187")
74060-2509 MOLEX8-74060-2509 Datasheet
282Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 200 Circuits, Pin Length 5.15mm (.203")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com