Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6A0075 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S6A0075
Description  100 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6A0075 Datasheet(HTML) 2 Page - Samsung semiconductor

  S6A0075 Datasheet HTML 1Page - Samsung semiconductor S6A0075 Datasheet HTML 2Page - Samsung semiconductor S6A0075 Datasheet HTML 3Page - Samsung semiconductor S6A0075 Datasheet HTML 4Page - Samsung semiconductor S6A0075 Datasheet HTML 5Page - Samsung semiconductor S6A0075 Datasheet HTML 6Page - Samsung semiconductor S6A0075 Datasheet HTML 7Page - Samsung semiconductor S6A0075 Datasheet HTML 8Page - Samsung semiconductor S6A0075 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
S6A0075
100 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
2
INTRODUCTION
S6A0075 is a dot matrix LCD driver & controller LSI which is fabricated by low power CMOS technology. It can
display 1, 2, or 4 lines with 5 x 8 or 6 x 8 dots format.
FUNCTIONS
Character type dot matrix LCD driver & controller
Internal driver: 34 common and 100 segment signal output
Easy interface with 4-bit or 8-bit MPU
Clock synchronized serial interface
5 x 8 dot matrix / 6 x 8 dot matrix possible
Bi-directional shift function
All character reverse display
Display shift per line
Voltage converter for LCD drive voltage: 13V max. (2 times/3 times)
Various instruction functions
Automatic power on reset
FEATURES
Internal memory
- Character Generator ROM (CGROM): 9,600 bits (240 characters x 5 x 8 dot)
- Character Generator RAM (CGRAM): 64 x 8 bits (8 characters x 5 x 8 dot)
- Segment Icon RAM (SEGRAM): 16 x 8 bits (96 icons max.)
- Display Data RAM (DDRAM): 80 x 8 bits (80 characters max.)
Low power operation
- Power supply voltage range: 2.7 - 5.5V (VDD)
- LCD Drive voltage range: 3.0 - 13.0V (VDD - V5)
CMOS process
Programmable duty cycle: 1/17, 1/33
Internal oscillator with an external resistor
Bare chip available


Similar Part No. - S6A0075

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0070 SAMSUNG-S6A0070 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
S6A0070 SAMSUNG-S6A0070 Datasheet
399Kb / 41P
   80 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0071 SAMSUNG-S6A0071 Datasheet
330Kb / 29P
   32COM/60SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0072 SAMSUNG-S6A0072 Datasheet
268Kb / 32P
   16COM/40SEG DOT MATRIX LCD CONTROLLER & DRIVER
S6A0073 SAMSUNG-S6A0073 Datasheet
116Kb / 12P
   40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
More results

Similar Description - S6A0075

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0078 SAMSUNG-S6A0078 Datasheet
617Kb / 70P
   120 SEG / 34 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
S6A0069 SAMSUNG-S6A0069 Datasheet
368Kb / 35P
   40 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Neotec Semiconductor Lt...
NT7066U NEOTEC-NT7066U Datasheet
426Kb / 32P
   16 COM / 40 SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
V1.2_20130219
logo
Samsung semiconductor
S6A0070 SAMSUNG-S6A0070 Datasheet
399Kb / 41P
   80 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
logo
Neotec Semiconductor Lt...
NT7066B NEOTEC-NT7066B Datasheet
581Kb / 33P
   16 COM / 40 SEG DRIVER & CONTROLLER FOR DOT MATRIX LCD
V1.0_20130710
logo
Samsung semiconductor
S6A0094 SAMSUNG-S6A0094 Datasheet
734Kb / 62P
   80 SEG / 34 COM DRIVER & CONTROLLER FOR STN LCD
KS0094 SAMSUNG-KS0094 Datasheet
920Kb / 62P
   34 COM / 80 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0717 SAMSUNG-S6B0717 Datasheet
910Kb / 65P
   55 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
KS0715 SAMSUNG-KS0715 Datasheet
837Kb / 60P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0715 SAMSUNG-S6B0715 Datasheet
882Kb / 61P
   33 COM / 100 SEG DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com