Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74650-1013 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74650-1013
Description  2.00mm (.079") Pitch 8-Row VHDM-HSD?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74650-1013 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74650-1013 Datasheet HTML 1Page - Molex Electronics Ltd. 74650-1013 Datasheet HTML 2Page - Molex Electronics Ltd. 74650-1013 Datasheet HTML 3Page - Molex Electronics Ltd. 74650-1013 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
Yes
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
5.0 Gbps
Real Signals (per 25mm)
72
Shield Type
Ground Plane Shield
Shielded
Yes
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74061-003
Sales Drawing
SD-74650-002
VHDM-HSD is a trademark of Amphenol Corporation
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74650-1013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74650-1013 MOLEX-74650-1013 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com