Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6A0069 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # S6A0069
Description  40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S6A0069 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button S6A0069 Datasheet HTML 4Page - Samsung semiconductor S6A0069 Datasheet HTML 5Page - Samsung semiconductor S6A0069 Datasheet HTML 6Page - Samsung semiconductor S6A0069 Datasheet HTML 7Page - Samsung semiconductor S6A0069 Datasheet HTML 8Page - Samsung semiconductor S6A0069 Datasheet HTML 9Page - Samsung semiconductor S6A0069 Datasheet HTML 10Page - Samsung semiconductor S6A0069 Datasheet HTML 11Page - Samsung semiconductor S6A0069 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
S6A0065
40 CH SEGMENT/COMMON DRIVER FOR DOT MATRIX LCD
8
AC Characteristics(V
DD = 2.7 to 5.5V, VDD-VEE = 3 to 13V, VSS = 0V, Ta = -30 to +85 °C)
Characteristic
Symbol
Test condition
Min
Max
Unit
Applicable pin
Data Shift Frequency
f
CL
-
-
400
kHz
CL2
Clock High Level Width
t
WCKH
-
800
-
CL1, CL2
Clock Low Level Width
t
WCKL
-
800
-
CL2
Clock Set-up Time
t
SL
from CL2 to CL1
500
-
ns
t
LS
from CL1 to CL2
500
-
CL1, CL2
Clock Rise/Fall Time
t
R/tF
-
-
200
Data Set-up Time
t
SU
-
300
-
DL1, DL2, DR1,
DR2, FLM
Data Hold Time
t
DH
-
300
-
Data Delay Time
t
D
C
L = 15pF
-
500
DL1, DL2,
DR1, DR2
* Input/Output current is excluded; When input is at the intermediate level with CMOS, excessive current flows
through the input circuit to the power supply, To avoid this, input level must be fixed at "H" or "L".


Similar Part No. - S6A0069

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6A0069 SAMSUNG-S6A0069 Datasheet
368Kb / 35P
   40 SEG / 16 COM DRIVER & CONTROLLER FOR DOT MATRIX LCD
More results

Similar Description - S6A0069

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S6B0086 SAMSUNG-S6B0086 Datasheet
324Kb / 31P
   80 CH SEGMENT / COMMON DRIVER FOR DOT MATRIX LCD
logo
Integral Corp.
IZ0065 INTEGRAL-IZ0065 Datasheet
145Kb / 6P
   40 Channel Segment / Common Driver For Dot Matrix LCD
logo
Neotec Semiconductor Lt...
NT7065B NEOTEC-NT7065B Datasheet
457Kb / 16P
   40-Channel Segment / Common Driver For Dot Matrix LCD
Rev1.4 20130222
logo
KODENSHI_AUK CORP.
KK0065 KODENSHI-KK0065 Datasheet
198Kb / 6P
   40 Channel Segment / Common Driver For Dot Matrix LCD
logo
RAIO Technology Inc.
RA0086A RAIO-RA0086A Datasheet
181Kb / 6P
   80 CH Segment/Common Driver For Dot Matrix LCD Specification
logo
OKI electronic componet...
MSM5839B1111 OKI-MSM5839B1111 Datasheet
134Kb / 7P
   DOT MATRIX LCD 40 DOT SEGMENT DRIVER
logo
Anpec Electronics Corop...
APU0065 ANPEC-APU0065 Datasheet
136Kb / 11P
   40 CH Driver for Dot Matrix LCD
logo
Holtek Semiconductor In...
HT1602 HOLTEK-HT1602 Datasheet
215Kb / 6P
   40 Dot Matrix LCD Segment Driver
logo
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
   64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Holtek Semiconductor In...
HT1602L HOLTEK-HT1602L Datasheet
106Kb / 7P
   40 Dot Matrix LCD Segment Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com