Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74061-1004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74061-1004
Description  2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74061-1004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74061-1004 Datasheet HTML 1Page - Molex Electronics Ltd. 74061-1004 Datasheet HTML 2Page - Molex Electronics Ltd. 74061-1004 Datasheet HTML 3Page - Molex Electronics Ltd. 74061-1004 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0740611004
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Backplane Header, Vertical, 8-Row,
Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 5.15mm (.203")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
74061
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
No Keying Position
Component Type
PCB Header
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
80
Circuits (maximum)
80
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
Beryllium Copper, High Performance Alloy (HPA),
Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74061Series
Mates With
74040 VHDM® Board-to-Board
Daughtercard Receptacle
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM® 8 Row Pin
and Shield Repair
Tool
0622015900
VHDM® 8 Row
Shield Extraction
Tool
0622016100


Similar Part No. - 74061-1004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74061-1001 MOLEX8-74061-1001 Datasheet
510Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 4.25mm (.167")
74061-1002 MOLEX8-74061-1002 Datasheet
545Kb / 5P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Guide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 6.25mm (.246")
74061-1003 MOLEX8-74061-1003 Datasheet
510Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-RowGuide Pin Signal Module, Pin End Version, 80 Circuits, Pin Length 4.25mm (.167")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com