Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5T8554B01 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S5T8554B01
Description  1 CHIP CODEC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5T8554B01 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S5T8554B01 Datasheet HTML 6Page - Samsung semiconductor S5T8554B01 Datasheet HTML 7Page - Samsung semiconductor S5T8554B01 Datasheet HTML 8Page - Samsung semiconductor S5T8554B01 Datasheet HTML 9Page - Samsung semiconductor S5T8554B01 Datasheet HTML 10Page - Samsung semiconductor S5T8554B01 Datasheet HTML 11Page - Samsung semiconductor S5T8554B01 Datasheet HTML 12Page - Samsung semiconductor S5T8554B01 Datasheet HTML 13Page - Samsung semiconductor S5T8554B01 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
S5T8554B/7B
1 CHIP CODEC
10
TRANSMISSION CHARACTERISTICS
(Unless otherwise specified: Ta = 0
°C to 70°C, V
CC = 5V ± 5%, VBB = −5V ± 5%, GNDA = 0V, f = 1.02kHz,
VIN = 0dBm0, transmit input amplifier connected for unity-gain non-inverting.)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Absolute Transmit Gain
Variation with Temperature
∆G
V(ATX)
/
∆T
Ta = 0
°C to 70°C
±0.1
dB
Absolute Transmit Gain
Variation with Supply Voltage
∆G
V
(ATX) /∆V
VCC = 5V ±5%, VBB = −5V ±5%
±0.05
dB
Transmit Gain Variations with
Level
Sinusoldal test method Reference
level =
− 10dBm0
VFXI + = − 40dBm0 to +3dBm0
VFX + = − 50dBm0 to − 40dBm0
VFXI + = − 55dBm0 to − 50dBm0
−0.2
−0.4
−1.2
0.2
0.4
1.2
dB
dB
dB
ENVELOPE DELAY DISTORTION WITH FREQUENCY
Receive Delay, Absolute
tD (ARX)
f = 1600Hz
180
200
µs
Receive Delay, Relative to
tD (ARX)
tD (RRX)
f = 500Hz - 1000Hz
f = 1000Hz - 1600Hz
f = 1600Hz - 2600Hz
f = 2600Hz - 2800Hz
f = 2800Hz - 3000Hz
−40
−30
−25
−120
70
100
145
90
125
175
µs
µs
µs
µs
µs
Transmit Delay, Absolute
tD (ATX)
f = 1600Hz
290
315
µs
Transmit Delay, Relative to
tD (ATX)
tD (RTX)
f = 500Hz - 600Hz
f = 600Hz - 800Hz
f = 800Hz - 1000Hz
f = 1000Hz - 1600Hz
f = 1600Hz - 2600Hz
f = 2600Hz - 2800Hz
f = 2800Hz - 3000Hz
195
120
50
20
55
80
130
220
145
75
40
75
105
155
µs
µs
µs
µs
µs
µs
µs
NOISE
Receive Noise, CMessage
Weighted
NRXC
PCM code equals alternating
positive and negative zero,
S5T8554B
8
11
dBrnc0
Receive Noise, PMessage
Weighted
NRXP
PCM code equals, positive zero,
S5T8557B
−82
−79
dBm0p
Transmit Noise, CMessage
Weighted
NTXC
S5T8554B
12
15
dBrnc0
Transmit Noise, PMessage
Weighted
NTXP
S5T8557B
74
−67
dBm0p
Noise, Single Frequency
NSF
f = 0kHz to 100kHz, loop around
measurement, VFXI + = 0Vrms
−53
dBm0
Positive Power Supply
Rejection, Transmit
PSRR
(PTX)
VFXI + = 0Vrms, VCC = 5.0VDC +
100mVrms f = 0kHz - 50kHz
40
dBC


Similar Part No. - S5T8554B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5T8554B03 SAMSUNG-S5T8554B03 Datasheet
120Kb / 13P
   CODEC FOR DIGITAL ANSWERING PHONE
S5T8554B03-D0B0 SAMSUNG-S5T8554B03-D0B0 Datasheet
120Kb / 13P
   CODEC FOR DIGITAL ANSWERING PHONE
S5T8554B03-S0B0 SAMSUNG-S5T8554B03-S0B0 Datasheet
120Kb / 13P
   CODEC FOR DIGITAL ANSWERING PHONE
More results

Similar Description - S5T8554B01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS8620 SAMSUNG-KS8620 Datasheet
73Kb / 9P
   1 Chip CODEC for Digital Answering phone
logo
List of Unclassifed Man...
VW2010 ETC-VW2010 Datasheet
358Kb / 2P
   MPEG-1, -2, -4 Audio/Video CODEC Chip
logo
OKI electronic componet...
MSM6996H OKI-MSM6996H Datasheet
179Kb / 21P
   Single Chip CODEC
logo
List of Unclassifed Man...
CP1306 ETC-CP1306 Datasheet
209Kb / 2P
   1 Channel PCM / ADPCM Codec
logo
Fujitsu Component Limit...
MB6026A FUJITSU-MB6026A Datasheet
1Mb / 19P
   SINGLE CHIP CODEC WITH FILTERS
logo
Hitachi Semiconductor
HD44231P HITACHI-HD44231P Datasheet
671Kb / 11P
   SINGLE CHIP CODEC WITH FILTERS(COMBO)
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Agere Systems
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
logo
Harris Corporation
CD22354A HARRIS-CD22354A Datasheet
55Kb / 10P
   CMOS Single-Chip, Full-Feature PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com