Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0512391203 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0512391203
Description  CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 12 Circuits, Polarization Type B, Polarization Position B-3
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0512391203 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0512391203 Datasheet HTML 1Page - Molex Electronics Ltd. 0512391203 Datasheet HTML 2Page - Molex Electronics Ltd. 0512391203 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0512391203
Status:
Active
Description:
CRC™ Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female Terminal,
Signal, 12 Circuits, Polarization Type B, Polarization Position B-3
Documents:
Drawing (PDF)
Product Specification PS-51238-018 (PDF)
Product Specification PS-51238-010 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
I/O Connectors
Series
51239
Application
N/A
Component Type
Housing
Product Name
CRC™
Type
N/A
Physical
Boot Color
N/A
Breakaway
No
Circuits (Loaded)
N/A
Circuits (maximum)
12
Color - Resin
Black
Flammability
94V-0
Gender
Plug
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Plating Mating
n/a
Material - Resin
Polyester
Number of Rows
4
Orientation
Vertical
PCB Locator
No
Packaging Type
Tray
Panel Mount
N/A
Pitch - Mating Interface (in)
0.118 In
Pitch - Mating Interface (mm)
3.00 mm
Pitch - Term. Interface (in)
0.118 In
Pitch - Term. Interface (mm)
3.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
N/A
Shielded
No
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51239Series
Mates With
51233
Use With
56380 plug shell body, 56120 and 56121
female terminal, 56381 plug shell cover


Similar Part No. - 0512391203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512391201 MOLEX7-0512391201 Datasheet
127Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 12 Circuits, Polarization Type Standard
0512391202 MOLEX7-0512391202 Datasheet
127Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female Terminal Signal, 12 Circuits, Polarization Type A, Polarization Position B-2
0512391204 MOLEX7-0512391204 Datasheet
127Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 12 Circuits, Polarization Type C, Polarization Position C-3
0512391205 MOLEX7-0512391205 Datasheet
127Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 12 Circuits, Polarization Type D, Polarization Position A-2
More results

Similar Description - 0512391203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0512341203 MOLEX7-0512341203 Datasheet
128Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male TerminalSignal, 12 Circuits, Polarization Type B, Polarization Position B-3
0512393005 MOLEX7-0512393005 Datasheet
153Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 30 Circuits, Polarization Type D, Polarization Position B-3
0512393003 MOLEX7-0512393003 Datasheet
153Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 30 Circuits, Polarization Type B, Polarization Position C-4
0512341202 MOLEX7-0512341202 Datasheet
128Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male TerminalSignal, 12 Circuits, Polarization Type A, Polarization Position B-2
0512392002 MOLEX7-0512392002 Datasheet
139Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 20 Circuits, Polarization Type A, Polarization Position B-2
0512391204 MOLEX7-0512391204 Datasheet
127Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 12 Circuits, Polarization Type C, Polarization Position C-3
0512392003 MOLEX7-0512392003 Datasheet
139Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female Terminal, Signal, 20 Circuits, Polarization Type B, Polarization Position B-3
0512391205 MOLEX7-0512391205 Datasheet
127Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 12 Circuits, Polarization Type D, Polarization Position A-2
0512341204 MOLEX7-0512341204 Datasheet
128Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Male TerminalSignal, 12 Circuits, Polarization Type C, Polarization Position C-3
0512392004 MOLEX7-0512392004 Datasheet
139Kb / 3P
   CRC??Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female TerminalSignal, 20 Circuits, Polarization Type C, Polarization Position C-3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com