Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0524841210 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0524841210
Description  2.0 W/B CONN. IDT REC. HSG ASSY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0524841210 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0524841210 Datasheet HTML 1Page - Molex Electronics Ltd. 0524841210 Datasheet HTML 2Page - Molex Electronics Ltd. 0524841210 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0524841210
Status:
Active
Description:
2.0 W/B CONN. IDT REC. HSG ASSY
Documents:
3D Model
Product Specification PS-52484-012 (PDF)
Drawing (PDF)
Product Specification PS-52484-021 (PDF)
Product Specification PS-51090-003 (PDF)
Product Specification PS-52484-022 (PDF)
Product Specification PS-51090-007 (PDF)
Product Specification PS-53358-001 (PDF)
Product Specification PS-52478-001 (PDF)
Product Specification PS-55460-001 (PDF)
Product Specification PS-52478-002 (PDF)
Product Specification PS-55533-003 (PDF)
Product Specification PS-52484-011 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
52484
Crimp Quality Equipment
Yes
Product Name
Mi II™
Physical
Circuits (Loaded)
12
Color - Resin
Natural
Durability (mating cycles max)
30
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
36
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
36
Plating min: Termination (µm)
0.90
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
0.85-1.05mm (.033-.041")
Wire Size AWG
26, 28
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51090-003, PS-51090-007, PS-52478-001,
PS-52478-002, PS-52484-011, PS-52484-012,
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52484Series
Mates With
51206 , 53313 , 55460 , 53358 , 53324 ,
53325


Similar Part No. - 0524841210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0524841010 MOLEX7-0524841010 Datasheet
129Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841110 MOLEX7-0524841110 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841310 MOLEX7-0524841310 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841410 MOLEX7-0524841410 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841510 MOLEX7-0524841510 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
More results

Similar Description - 0524841210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52484-0810 MOLEX8-52484-0810 Datasheet
52Kb / 2P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841310 MOLEX7-0524841310 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840610 MOLEX7-0524840610 Datasheet
130Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841410 MOLEX7-0524841410 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840810 MOLEX7-0524840810 Datasheet
130Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841510 MOLEX7-0524841510 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840510 MOLEX7-0524840510 Datasheet
126Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524841110 MOLEX7-0524841110 Datasheet
125Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840210 MOLEX7-0524840210 Datasheet
129Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
0524840710 MOLEX7-0524840710 Datasheet
129Kb / 3P
   2.0 W/B CONN. IDT REC. HSG ASSY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com