Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0524651271 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0524651271
Description  0.80mm (.031") Pitch Board-to-Board Receptacle, Surface Mount, Dual Row, 12Circuits, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0524651271 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0524651271 Datasheet HTML 1Page - Molex Electronics Ltd. 0524651271 Datasheet HTML 2Page - Molex Electronics Ltd. 0524651271 Datasheet HTML 3Page - Molex Electronics Ltd. 0524651271 Datasheet HTML 4Page - Molex Electronics Ltd. 0524651271 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0524651271
Status:
Active
Description:
0.80mm (.031") Pitch Board-to-Board Receptacle, Surface Mount, Dual Row, 12
Circuits, Lead-free
Documents:
3D Model
Product Specification PS-52465-014 (PDF)
Drawing (PDF)
Product Specification PS-52465-015 (PDF)
Product Specification PS-52465-010 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
52465
Application
Board-to-Board
Product Name
N/A
Physical
Circuits (Loaded)
12
Color - Resin
Natural
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Mated Height (in)
0.177 In, 0.222 In, 0.256 In
Mated Height (mm)
4.50 mm, 5.65 mm, 7.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to PCB
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
50V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-52465-002
Product Specification
PS-52465-010, PS-52465-014, PS-52465-015,
RPS-52465-042, RPS-52465-044, RPS-52465-045,
RPS-52465-047, RPS-52465-048, RPS-52465-049,
RPS-52465-052
Sales Drawing
SD-52465-028, SD-52465-029
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52465Series
Mates With
53364 , 53307 , 53309


Similar Part No. - 0524651271

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0524651071 MOLEX7-0524651071 Datasheet
353Kb / 5P
   0.80mm (.031") Pitch Board-to-Board Receptacle, Surface Mount, Dual Row, 10 Circuits, Lead-free
0524651471 MOLEX7-0524651471 Datasheet
352Kb / 5P
   0.80mm (.031") Pitch Board-to-Board Receptacle, Surface Mount, Dual Row, 14Circuits, Lead-free
0524651871 MOLEX7-0524651871 Datasheet
353Kb / 5P
   0.80mm (.031") Pitch Board-to-Board Receptacle, Surface Mount, Dual Row, 18Circuits, Lead-free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com