Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0643203315 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0643203315
Description  .635mm (.025"), 1.50mm (.059"), CMC Receptacle, 48 Circuits, Right Wire OutputGreen Coding, Mat Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0643203315 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0643203315 Datasheet HTML 1Page - Molex Electronics Ltd. 0643203315 Datasheet HTML 2Page - Molex Electronics Ltd. 0643203315 Datasheet HTML 3Page - Molex Electronics Ltd. 0643203315 Datasheet HTML 4Page - Molex Electronics Ltd. 0643203315 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0643203315
Status:
Active
Overview:
cmc_connectors
Description:
.635mm (.025"), 1.50mm (.059"), CMC Receptacle, 48 Circuits, Right Wire Output,
Green Coding, Mat Sealed
Documents:
3D Model
Product Specification PS-64319-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
General
Product Family
Crimp Housings
Series
64320
Comments
* Current tested on a 5 terminals loaded connector,
current for temperature increase of 40°C . Current max
= 6.0A for 0.635mm Terminal (0.75mm² wire) and 12.0A
for 1.5mm Terminal (2.0mm² wire) *
More Detailed Tech Information
Sealed, high-density, modular connecting system for
Power Train and Body Electronics applications in cars,
trucks, busses
Overview
cmc_connectors
Product Name
CMC
Physical
Circuits (maximum)
48
Circuits Detail
8 x 1.5mm & 40 x 0.635mm terminals
Color - Resin
Green
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
4
Packaging Type
Carton
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In, 0.146 In
Pitch - Mating Interface (mm)
2.54 mm, 3.70 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
12A, 6A
Material Info
Reference - Drawing Numbers
Application Specification
AS-64319-001
Packaging Specification
PK-64320-001
Product Specification
PS-64319-001
Sales Drawing
SD-64320-001, SD-98993-008
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
64320Series
Use With
CMC CP Female Terminal 64322 , 64323.
Circuit Way Plugs 643251010 , 643251023.
CMC Wire Cap 643201301.
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0643203315

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0643203311 MOLEX7-0643203311 Datasheet
1Mb / 8P
   .635mm (.025"), 1.50mm (.059"), CMC Receptacle, 48 Circuits, Right Wire OutputBlack Coding, Mat Sealed
0643203311 MOLEX-0643203311 Datasheet
2Mb / 2P
   CMC CONNECTOR 48 WAY MAT SEAL VERSION
Rev. H2
0643203318 MOLEX7-0643203318 Datasheet
1Mb / 5P
   .635mm (.025"), 1.50mm (.059"), CMC Receptacle, 48 Circuits, Right Wire OutputGray Coding, Mat Sealed
0643203319 MOLEX7-0643203319 Datasheet
1Mb / 5P
   .635mm (.025"), 1.50mm (.059"), CMC Receptacle, 48 Circuits, Right Wire Output,Brown Coding, Mat Sealed
0643203319 MOLEX-0643203319 Datasheet
2Mb / 2P
   CMC CONNECTOR 48 WAY MAT SEAL VERSION
Rev. H2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com