Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51015-0900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 51015-0900
Description  2.00mm (.079") Pitch Board-In Crimp Housing, Low Profile, 9 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51015-0900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  51015-0900 Datasheet HTML 1Page - Molex Electronics Ltd. 51015-0900 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510150900
Status:
Active
Description:
2.00mm (.079") Pitch Board-In Crimp Housing, Low Profile, 9 Circuits
Documents:
3D Model
Product Specification PS-51015-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-51015-001 (PDF)
Agency Certification
UL
E29179
General
Product Family
Crimp Housings
Series
51015
Product Name
Board-In
Physical
Circuits (maximum)
9
Color - Resin
Natural
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-51015-001, PS-51015-002, RPS-51015-001,
RPS-51015-003, RPS-51015-004, RPS-51015-006
Sales Drawing
SD-51015-**00
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
51015Series
Use With
50034
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 51015-0900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51015-0200 MOLEX7-51015-0200 Datasheet
88Kb / 2P
   2.00mm (.079") Pitch Board-In Crimp Housing, Low Profile, 2 Circuits
51015-0300 MOLEX7-51015-0300 Datasheet
88Kb / 2P
   2.00mm (.079") Pitch Board-In Crimp Housing, Low Profile, 3 Circuits
51015-0400 MOLEX7-51015-0400 Datasheet
88Kb / 2P
   548611770
51015-0500 MOLEX7-51015-0500 Datasheet
88Kb / 2P
   2.00mm (.079") Pitch Board-In Crimp Housing, Low Profile, 5 Circuits
51015-0600 MOLEX7-51015-0600 Datasheet
88Kb / 2P
   2.00mm (.079") Pitch Board-In Crimp Housing, Low Profile, 6 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com