Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5C7221X Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S5C7221X
Description  TIMING & SYNC. GENERATOR FOR B/W CCD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5C7221X Datasheet(HTML) 7 Page - Samsung semiconductor

  S5C7221X Datasheet HTML 1Page - Samsung semiconductor S5C7221X Datasheet HTML 2Page - Samsung semiconductor S5C7221X Datasheet HTML 3Page - Samsung semiconductor S5C7221X Datasheet HTML 4Page - Samsung semiconductor S5C7221X Datasheet HTML 5Page - Samsung semiconductor S5C7221X Datasheet HTML 6Page - Samsung semiconductor S5C7221X Datasheet HTML 7Page - Samsung semiconductor S5C7221X Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
S5C7221X01
TIMING & SYNC. GENERATOR FOR B/W CCD
7
APPLICATION CIRCUIT
* In case of
DCOUT
≤ VHH - 1.0V , VCP PIN connects with VHH.
Warning : When voltage is biased, You must keep this flow.
If the flow is interrupted, negative voltage is applied to CCD image sensors SUB.
GND
XSUB
XV2
XV1
XSG1
XV3
XSG3
XV4
VCP
DCIN
VHH
VSUB
VEE
VME
VHH
DCOUT
Φ V2
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Φ V1
Φ V3
Φ V4
2
3
4
5
6
7
8
XSUB
XV2
XV1
XSG1
XV3
XSG3
XV4
VDD (5V)
47k
0.1
µF
VEE (-8.5)
VHH (15V)
1
µ/35V
100k
IN4148
VSUB
Φ V2
Φ V1
Φ V3
Φ V4
20%
20%
t1
t2
15V (VHH)
0V (VME)
-8.5V (VEE)
* t1 > t2 > 10ms


Similar Part No. - S5C7221X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7212X SAMSUNG-S5C7212X Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
S5C7212X SAMSUNG-S5C7212X Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
621Kb / 25P
   B/W CCD PROCESSOR
S5C7212X01-E0R0 SAMSUNG-S5C7212X01-E0R0 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
More results

Similar Description - S5C7221X

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS7212 SAMSUNG-KS7212 Datasheet
201Kb / 18P
   TIMING & SYNC. GENERATOR FOR B/W CCD
S5C7212X01 SAMSUNG-S5C7212X01 Datasheet
230Kb / 19P
   TIMING & SYNC. GENERATOR FOR B/W CCD
KS7214 SAMSUNG-KS7214 Datasheet
539Kb / 36P
   Timing & SYNC. Generator for B/W CCD
S5C7214X01 SAMSUNG-S5C7214X01 Datasheet
559Kb / 34P
   TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sony Corporation
CXD1261AR SONY-CXD1261AR Datasheet
327Kb / 23P
   Sync Signal, Timing Signal Generator for CCD Cameras
logo
Sharp Corporation
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
   Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
   Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
   CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
   CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
   CCD Camera Timing Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com