Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0671550001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0671550001
Description  1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Bottom Mount for Type II Card, Tray Packaging
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0671550001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0671550001 Datasheet HTML 1Page - Molex Electronics Ltd. 0671550001 Datasheet HTML 2Page - Molex Electronics Ltd. 0671550001 Datasheet HTML 3Page - Molex Electronics Ltd. 0671550001 Datasheet HTML 4Page - Molex Electronics Ltd. 0671550001 Datasheet HTML 5Page - Molex Electronics Ltd. 0671550001 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0671550001
Status:
Active
Description:
1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Bottom Mount
for Type II Card, Tray Packaging
Documents:
3D Model
Product Specification PS-67155-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Memory Card Sockets
Series
67155
Button Type
N/A
Component Type
Header/Socket (Host)
Product Name
CompactFlash
Type
II
Physical
Card Detection Switch
N/A
Circuits (Loaded)
50
Circuits (maximum)
50
Color - Resin
Natural
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle (Side Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PCB Locator
Yes
PCB Mounting Side
Reverse
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Ports
1
Temperature Range - Operating
-20°C to +90°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
No
Voltage - Maximum
500V
Material Info
Reference - Drawing Numbers
Product Specification
PS-67155-003
Sales Drawing
SD-67155-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67155Series
Mates With
67003 , 67114 , Industry Standard CF Card


Similar Part No. - 0671550001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0671550002 MOLEX7-0671550002 Datasheet
270Kb / 6P
   1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Top Mount ForType II Cards, Tray Packaging
0671550004 MOLEX7-0671550004 Datasheet
262Kb / 6P
   1.27mm (.050") Pitch CF Card Header - Low Profile, Right Angle, SMT Top Mount ForType II Cards, with Mylar, Tape on Reel Packaging
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com