Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S524A60X81 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S524A60X81
Description  1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S524A60X81 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S524A60X81 Datasheet HTML 6Page - Samsung semiconductor S524A60X81 Datasheet HTML 7Page - Samsung semiconductor S524A60X81 Datasheet HTML 8Page - Samsung semiconductor S524A60X81 Datasheet HTML 9Page - Samsung semiconductor S524A60X81 Datasheet HTML 10Page - Samsung semiconductor S524A60X81 Datasheet HTML 11Page - Samsung semiconductor S524A60X81 Datasheet HTML 12Page - Samsung semiconductor S524A60X81 Datasheet HTML 13Page - Samsung semiconductor S524A60X81 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
S524A40X11/40X21/40X41/60X81/60X51 SERIAL EEPROM
DATA SHEET
1-10
POLLING FOR AN ACK SIGNAL
When the master issues a stop condition to initiate a write cycle, the S524A40X11/40X21/40X41/60X81/60X51
starts an internal write cycle. The master can then immediately begin polling for an ACK from the slave device.
To poll for an ACK signal in a write operation, the master issues a start condition followed by the slave address.
As long as the S524A40X11/40X21/40X41/60X81/60X51 remains busy with the write operation, no ACK is
returned. When the S524A40X11/40X21/40X41/60X81/60X51 completes the write operation, it returns an ACK
and the master can then proceed with the next read or write operation (see Figure 1-11).
Send Write
Command
Send Stop Condition to
Initiate Write Cycle
Send Start
Condition
Send Slave Address
with R/W bit = "0"
Start Next
Operation
ACK = "0" ?
Yes
No
Figure 1-11. Master Polling for an ACK Signal from a Slave Device


Similar Part No. - S524A60X81

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524A40X10 SAMSUNG-S524A40X10 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524A40X20 SAMSUNG-S524A40X20 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524A40X40 SAMSUNG-S524A40X40 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524AB0X91 SAMSUNG-S524AB0X91 Datasheet
123Kb / 16P
   32K/64K-bit Serial EEPROM for Low Power
S524AB0XB1 SAMSUNG-S524AB0XB1 Datasheet
123Kb / 16P
   32K/64K-bit Serial EEPROM for Low Power
More results

Similar Description - S524A60X81

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com