Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53395-6679 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 53395-6679
Description  1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm (.315") MatingHeight, Lead-free, 66 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

53395-6679 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  53395-6679 Datasheet HTML 1Page - Molex Electronics Ltd. 53395-6679 Datasheet HTML 2Page - Molex Electronics Ltd. 53395-6679 Datasheet HTML 3Page - Molex Electronics Ltd. 53395-6679 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 53395-6679

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53395-0279 MOLEX7-53395-0279 Datasheet
186Kb / 4P
   1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm (.315") Mating Height, Lead-free, 20 Circuits
53395-1479 MOLEX7-53395-1479 Datasheet
186Kb / 4P
   1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm(.315")/10.00mm (.394") Mating Height, Lead-free, 140 Circuits
53395-3479 MOLEX7-53395-3479 Datasheet
186Kb / 4P
   1.00mm (.039") Pitch Plug, Surface Mount, Dual Row, Vertical, 8.00mm (.315") MatingHeight, Lead-free, 34 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com