Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S524AB0XB1 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S524AB0XB1
Description  32K/64K-bit Serial EEPROM for Low Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S524AB0XB1 Datasheet(HTML) 5 Page - Samsung semiconductor

  S524AB0XB1 Datasheet HTML 1Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 2Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 3Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 4Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 5Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 6Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 7Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 8Page - Samsung semiconductor S524AB0XB1 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DATA SHEET
S524AB0X91/B0XB1 SERIAL EEPROM
6-5
FUNCTION DESCRIPTION
I
2C-BUS INTERFACE
The S524AB0X91/B0XB1 supports the I
2C-bus serial interface data transmission protocol. The two-wire bus
consists of a serial data line (SDA) and a serial clock line (SCL). The SDA and the SCL lines must be connected
to V
CC by a pull-up resistor that is located somewhere on the bus.
Any device that puts data onto the bus is defined as a “transmitter” and any device that gets data from the bus is
a “receiver.” The bus is controlled by a master device whic h generates the serial clock and start/stop conditions,
controlling bus access. Using the A0, A1, and A2 input pins, up to eight S524AB0X91/B0XB1 devices can be
connected to the same I
2C-bus as slaves (see Figure 6-6). Both the master and slaves can operate as a
transmitter or a receiver, but the master device determines which bus operating mode would be active.
SDA
Bus Master
(Transmitter/
Receiver)
MCU
S524AB0X91/
B0XB1
Tx/Rx
A0 A1 A2
Slave 1
To VCC or VSS
S524AB0X91/
B0XB1
Tx/Rx
A0 A1 A2
Slave 2
To VCC or VSS
S524AB0X91/
B0XB1
Tx/Rx
A0 A1 A2
Slave 3
To VCC or VSS
S524AB0X91/
B0XB1
Tx/Rx
A0 A1 A2
Slave 8
To VCC or VSS
R
VCC
R
VCC
SCL
Figure 6-6. Typical Configuration


Similar Part No. - S524AB0XB1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524A40X10 SAMSUNG-S524A40X10 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524A40X11 SAMSUNG-S524A40X11 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
S524A40X20 SAMSUNG-S524A40X20 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
S524A40X21 SAMSUNG-S524A40X21 Datasheet
124Kb / 16P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
S524A40X40 SAMSUNG-S524A40X40 Datasheet
132Kb / 18P
   1K/2K/4K-bit Serial EEPROM for Low Power with software write protect
More results

Similar Description - S524AB0XB1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Renesas Technology Corp
R1EX25032ASA00G RENESAS-R1EX25032ASA00G Datasheet
587Kb / 22P
   Serial Peripheral Interface 32k EEPROM 64k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com