Electronic Components Datasheet Search |
|
0528850674 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0528850674 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 04/15/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0528850674 Status: Active Description: 0.635mm (.025") Pitch SlimStack™ Receptacle, Surface Mount, Dual Row, Vertical Stacking, 5.00 to 10.00mm (.197 to .394") Stacking Heights, Embossed Tape with Cover Packaging, 60 Circuits, Lead-free Documents: 3D Model Product Specification PS-52760-015 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family PCB Receptacles Series 52885 Application Board-to-Board Comments Stacking-Type Product Name SlimStack™ Physical Circuits (Loaded) 60 Color - Resin Natural Durability (mating cycles max) 50 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part Yes Mated Height (mm) 10.00 mm, 5.00 mm, 6.00 mm, 7.00 mm, 8.00 mm, 9.00 mm Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Number of Rows 2 Orientation Vertical PCB Locator Yes PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.025 In Pitch - Mating Interface (mm) 0.64 mm Plating min: Mating (µin) 10 Plating min: Mating (µm) 0.25 Plating min: Termination (µin) 80 Plating min: Termination (µm) 2 Polarized to PCB Yes Robotic Placement Pick and Place Cap Surface Mount Compatible (SMC) N/A Temperature Range - Operating -55°C to +85°C Termination Interface: Style Surface Mount Electrical Current - Maximum per Contact 0.5A Voltage - Maximum 100V Material Info Reference - Drawing Numbers Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 52885Series Mates With 55091 , 53649 , 53643 , 53475 , 53627 , 53553 , 5 3552, 53647 , 53551 , 53481 , 53625 |
Similar Part No. - 0528850674 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |