Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0528306612 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0528306612
Description  Modular Jack, Right Angle, Bottom Latch, 6/6, 0.10關m (4關") Gold (Au) Plating, BeveledMetal Pins, Lead free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0528306612 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0528306612 Datasheet HTML 1Page - Molex Electronics Ltd. 0528306612 Datasheet HTML 2Page - Molex Electronics Ltd. 0528306612 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0528306612
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jack, Right Angle, Bottom Latch, 6/6, 0.10µm (4µ") Gold (Au) Plating, Beveled
Metal Pins, Lead free
Documents:
3D Model
Product Specification PS-52830-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
52830
Comments
Beveled Metal Pins
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Gray
Durability (mating cycles max)
200
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.040 In
Pitch - Term. Interface (mm)
1.02 mm
Ports
1
Positions / Loaded Contacts
6/6
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.2A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
52830Series
Mates With
FCC 68 Plugs


Similar Part No. - 0528306612

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0528306622 MOLEX7-0528306622 Datasheet
131Kb / 3P
   Modular Jack, Right Angle, Bottom Latch, 6/6, 0.38關m (15關") Gold (Au) PlatingBeveled Metal Pins, Lead free
0528306642 MOLEX7-0528306642 Datasheet
131Kb / 3P
   Modular Jack, Right Angle, 6/6 Circuits, 1.3關m (50關 ") Gold (Au) Selective Plating, withBeveled Metal Pins, Tray Packaging, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com