Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C9614 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S3C9614
Description  SAM87RI family of 8-bit single-chip CMOS microcontrollers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C9614 Datasheet(HTML) 1 Page - Samsung semiconductor

  S3C9614 Datasheet HTML 1Page - Samsung semiconductor S3C9614 Datasheet HTML 2Page - Samsung semiconductor S3C9614 Datasheet HTML 3Page - Samsung semiconductor S3C9614 Datasheet HTML 4Page - Samsung semiconductor S3C9614 Datasheet HTML 5Page - Samsung semiconductor S3C9614 Datasheet HTML 6Page - Samsung semiconductor S3C9614 Datasheet HTML 7Page - Samsung semiconductor S3C9614 Datasheet HTML 8Page - Samsung semiconductor S3C9614 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
S3C9614/P9614
PRODUCT OVERVIEW
1-1
1
PRODUCT OVERVIEW
SAM87RI PRODUCT FAMILY
Samsung's SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide range
of integrated peripherals, and supports OTP device.
A dual address/data bus architecture and bit- or nibble-configurable I/O ports provide a flexible programming
environment for applications with varied memory and I/O requirements. Timer/counters with selectable operating
modes are included to support real-time operations.
S3C9614/P9614 MICROCONTROLLER
The S3C9614/P9614 microcontroller with USB function can be used in a wide range of general purpose
applications. It is especially suitable for mouse or joystick controller and is available in 20-pin DIP and 24-pin
SOP package.
The S3C9614/P9614 single-chip 8-bit microcontroller is fabricated using an advanced CMOS process. It is built
around the powerful SAM87RI CPU core.
Stop and Idle power-down modes were implemented to reduce power consumption. To increase on-chip register
space, the size of the internal register file was logically expanded. The S3C9614/P9614 has 4K-bytes of program
memory on-chip and 208 bytes of RAM including 16 bytes of working register.
Using the SAM87Ri design approach, the following peripherals were integrated with the SAM87Ri core:
— Two configurable I/O ports (11 pins)
— 7 bit-programmable pins for external interrupts
— 8-bit timer/counter with two operating modes
OTP
The S3C9614 microcontroller is also available in OTP (One Time Programmable) version, S3P9614. S3P9614
microcontroller has an on-chip 4K-byte one-time-programmable EPROM instead of masked ROM. The S3P9614
is comparable to S3C9614, both in function and in pin configuration.


Similar Part No. - S3C9614

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9648 SAMSUNG-S3C9648 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9654 SAMSUNG-S3C9654 Datasheet
230Kb / 27P
   MICROCONTROLLER
S3C9658 SAMSUNG-S3C9658 Datasheet
230Kb / 27P
   MICROCONTROLLER
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
More results

Similar Description - S3C9614

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9644 SAMSUNG-S3C9644 Datasheet
179Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9432 SAMSUNG-S3C9432 Datasheet
190Kb / 31P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9004 SAMSUNG-S3C9004 Datasheet
162Kb / 26P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C8835 SAMSUNG-S3C8835 Datasheet
144Kb / 19P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
S3C921F SAMSUNG-S3C921F Datasheet
193Kb / 30P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
logo
Siemens Semiconductor G...
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com