Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0674901220 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0674901220
Description  1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle,7 Circuits, without Mylar, Gold (Au) Flash, Tray Package, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0674901220 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0674901220 Datasheet HTML 1Page - Molex Electronics Ltd. 0674901220 Datasheet HTML 2Page - Molex Electronics Ltd. 0674901220 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0674901220
Status:
Active
Overview:
serial_ata_products
Description:
1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle,
7 Circuits, without Mylar, Gold (Au) Flash, Tray Package, Lead-free
Documents:
3D Model
Product Specification PS-67490-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
67490
Application
Board-to-Board, Wire-to-Board
Comments
Standard Type|Without Mylar
MolexKits
Yes
Overview
serial_ata_products
Product Name
Serial ATA
Physical
Breakaway
No
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
Yes
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
2
Plating min: Mating (µm)
0.05
Plating min: Termination (µin)
50.8
Plating min: Termination (µm)
1.27
Polarized to Mating Part
No
Shrouded
No
Stackable
No
Temperature Range - Operating
-35°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1.5A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
67490Series
Mates With
Serial ATA Signal Connector 67489 , 88755


Similar Part No. - 0674901220

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0674901221 MOLEX7-0674901221 Datasheet
142Kb / 3P
   1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle,7 Circuits, without Mylar, 0.76關m (30關") Gold (Au) Plating, Tray Package, Lead-free
0674901225 MOLEX7-0674901225 Datasheet
142Kb / 3P
   1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle7 Circuits, without Mylar, 0.38關m (15關") Gold (Au) Plating, Tray Package, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com