Electronic Components Datasheet Search |
|
0526101571 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0526101571 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 9 page This document was generated on 06/05/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0526101571 Status: Active Overview: Description: 1.00mm (.039") Pitch FFC/FPC Connector, SMT, Vertical, ZIF Receptacle, 15 Circuits, Lead-free, High Barrier Packaging Agency Certification CSA LR19980 UL E29179 General Product Family FFC/FPC Connectors Series 52610 Overview ffc_fpc_smt Product Name N/A Physical Circuits (Loaded) 15 Contact Position N/A Durability (mating cycles max) 30 Entry Angle Vertical Flammability 94V-0 Mated Height (in) 0.226 In Mated Height (mm) 5.75 mm Material - Metal Phosphor Bronze Material - Plating Mating Tin-Bismuth Material - Plating Termination Tin-Bismuth Material - Resin Nylon Number of Rows 1 Orientation Vertical PCB Locator No PCB Retention None Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.039 In Pitch - Mating Interface (mm) 1.00 mm Polarized to PCB No Stackable No Temperature Range - Operating -40°C to +85°C Termination Interface: Style Surface Mount Wire/Cable Type FFC/FPC Electrical Current - Maximum per Contact 1A Voltage - Maximum 125V Material Info Reference - Drawing Numbers Packaging Specification SPK-52610-001, SPK-52610-003 Product Specification PS-52610-006, RPS-52610-001, RPS-52610-002, RPS-52610-004, RPS-52610-026, RPS-52610-027, RPS-52610-028, RPS-52610-031, RPS-52610-034, RPS-52610-037, RPS-52610-038, RPS-52610-040, RPS-52610-041, RPS-52610-043, RPS-52610-044, RPS-52610-046, RPS-52610-049, RPS-52610-050, RPS-52610-057, RPS-52610-058, RPS-52610-059, RPS-52610-062 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 52610Series |
Similar Part No. - 0526101571 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |