Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3C821 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C821
Description  S3C8-SERIES MICROCONTROLLES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C821 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C821 Datasheet HTML 1Page - Samsung semiconductor S3C821 Datasheet HTML 2Page - Samsung semiconductor S3C821 Datasheet HTML 3Page - Samsung semiconductor S3C821 Datasheet HTML 4Page - Samsung semiconductor S3C821 Datasheet HTML 5Page - Samsung semiconductor S3C821 Datasheet HTML 6Page - Samsung semiconductor S3C821 Datasheet HTML 7Page - Samsung semiconductor S3C821 Datasheet HTML 8Page - Samsung semiconductor S3C821 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PRODUCT OVERVIEW
S3C821A/P821A
1-2
FEATURES
CPU
SAM8 CPU core
Memory
Data memory: 1040-byte of internal register file
(Excluding LCD RAM)
Program memory: 48-Kbyte internal program
memory (ROM)
External Interface
64-Kbyte external data memory area
Instruction Execution Time
750 ns at 8 MHz (minimum, Main oscillator)
183
µs at 32,768 Hz (minimum, Sub oscillator)
Interrupts
7 interrupt levels and 19 interrupt sources
19 vectors
Fast interrupt processing feature (for one
selected interrupt level)
I/O Ports
Five 8-bit I/O ports (P0–P4) and one 7-bit I/O
port (P5) for a total of 47 bit-programmable pins
8-Bit Basic Timer
One programmable 8-bit basic timer (BT) for
oscillation stabilization control or watchdog timer
(software reset) function
Watch Timer
Time internal generation: 3.91 ms, 0.5 s at
32,768 Hz
Four frequency outputs to BUZ pin
Clock source generation for LCD
Timers and Timer/Counters
One 8-bit timer/counter (Timer 0) with three
operating modes: Interval, Capture, and PWM
One 16-bit timer/counter (Timer 1) with two 8-bit
timer/counter modes
LCD Controller/Driver
Up to 32 segment pins
3, 4, and 8 common selectable
Choice of duty cycle
All dots can be switched on/off
Internal resistor circuit for LCD bias
Serial Port
One synchronous SIO
A/D Converter
8-bit conversion resolution
× 4 channel
34
µs conversion time (4 MHz CPU clock, fxx/4)
Oscillation Sources
Crystal, ceramic, or RC for main system clock
Crystal or external oscillator for subsystem clock
Main system clock frequency: 8 MHz
Subsystem clock frequency: 32.768 kHz
Power-down Modes
Main idle mode (only CPU clock stops)
Sub idle mode
Stop mode (main/sub system oscillation stops)
Operating Temperature Range
– 40 °C to + 85 °C
Operating Voltage Range
2.0 V to 5.5 V at 32 kHz (sub clock)-6 MHz
(main clock)
2.2 V to 5.5 V at 8 MHz
Package Type
80-pin TQFP, 80-pin QFP


Similar Part No. - S3C821

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C820B SAMSUNG-S3C820B Datasheet
150Kb / 22P
   S3C-SERIES MICROCONTROLLERS
S3C8235 SAMSUNG-S3C8235 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3C8238 SAMSUNG-S3C8238 Datasheet
3Mb / 340P
   8-BIT CMOS MICROCONTROLLERS USERS MANUAL
S3C8245 SAMSUNG-S3C8245 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3C8247 SAMSUNG-S3C8247 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
More results

Similar Description - S3C821

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S3C80E5 SAMSUNG-S3C80E5 Datasheet
246Kb / 31P
   S3C8-SERIES MICROCONTROLLERS
S3C80F7 SAMSUNG-S3C80F7 Datasheet
213Kb / 34P
   S3C8-SERIES MICROCONTROLLERS
S3C8095 SAMSUNG-S3C8095 Datasheet
227Kb / 29P
   S3C8-SERIES MICROCONTROLLERS
S3C8248 SAMSUNG-S3C8248 Datasheet
239Kb / 33P
   S3C8-SERIES MICROCONTROLLERS
S3C80A4 SAMSUNG-S3C80A4 Datasheet
112Kb / 16P
   S3C8-series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com