Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0557550719 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0557550719
Description  2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 7 Circuits, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0557550719 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0557550719 Datasheet HTML 1Page - Molex Electronics Ltd. 0557550719 Datasheet HTML 2Page - Molex Electronics Ltd. 0557550719 Datasheet HTML 3Page - Molex Electronics Ltd. 0557550719 Datasheet HTML 4Page - Molex Electronics Ltd. 0557550719 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-51216-007, RPS-51216-008, RPS-51216-011
Sales Drawing
SD-55755-005
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0557550719

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0557550219 MOLEX7-0557550219 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 2 Circuits, Lead-free
0557550319 MOLEX7-0557550319 Datasheet
177Kb / 3P
   Universal Serial Bus, Shielded I/O, Type B Receptacle, Vertical, 4 Circuits, 0.76關m30關
0557550419 MOLEX7-0557550419 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 4 Circuits, Lead-free
0557550519 MOLEX7-0557550519 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 5 Circuits, Lead-free
0557550619 MOLEX7-0557550619 Datasheet
177Kb / 5P
   2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, Kinked PC Tail, withInner Positive Lock, 6 Circuits, Lead-free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com